Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232G Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # TOP232G
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP232G Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button TOP232G Datasheet HTML 6Page - Power Analog Micoelectronics TOP232G Datasheet HTML 7Page - Power Analog Micoelectronics TOP232G Datasheet HTML 8Page - Power Analog Micoelectronics TOP232G Datasheet HTML 9Page - Power Analog Micoelectronics TOP232G Datasheet HTML 10Page - Power Analog Micoelectronics TOP232G Datasheet HTML 11Page - Power Analog Micoelectronics TOP232G Datasheet HTML 12Page - Power Analog Micoelectronics TOP232G Datasheet HTML 13Page - Power Analog Micoelectronics TOP232G Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TOP232-234
10
B
7/01
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
400
PI-2524-081999
Output
MOSFET
Switching
(Enabled)
(Disabled)
ILIMIT (Default)
DCMAX (78.5%)
Current
Limit
Maximum
Duty Cycle
VBG
VBG + VTP
IM
IM
IM
IM
IUV
IREM(N)
IOV
MULTI-
FUNCTION
Pin Voltage
Note: This figure provides idealized functional characteristics of the MULTI-FUNCTION pin with typical performance values.
Please refer to the parametric table and typical performance characteristics sections of the data sheet for measured data.
MULTI-FUNCTION Pin Current (
µA)
Disabled when supply
output goes out of
regulation
Figure 8. MULTI-FUNCTION Pin Characteristics.
Figure 9. MULTI-FUNCTION Pin Input Simplified Schematic.
VBG + VT
VBG
240
µA
400
µA
CONTROL Pin
MULTI-FUNCTION Pin
(Positive Current Sense - Under-Voltage,
Over-Voltage, Maximum Duty
Cycle Reduction)
(Negative Current Sense - ON/OFF,
Current Limit Adjustment)
PI-2548-092399
TOPSwitch-FX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com