Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232G Datasheet(PDF) 30 Page - Power Analog Micoelectronics

Part # TOP232G
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP232G Datasheet(HTML) 30 Page - Power Analog Micoelectronics

Back Button TOP232G Datasheet HTML 26Page - Power Analog Micoelectronics TOP232G Datasheet HTML 27Page - Power Analog Micoelectronics TOP232G Datasheet HTML 28Page - Power Analog Micoelectronics TOP232G Datasheet HTML 29Page - Power Analog Micoelectronics TOP232G Datasheet HTML 30Page - Power Analog Micoelectronics TOP232G Datasheet HTML 31Page - Power Analog Micoelectronics TOP232G Datasheet HTML 32Page - Power Analog Micoelectronics TOP232G Datasheet HTML 33Page - Power Analog Micoelectronics TOP232G Datasheet HTML 34Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
TOP232-234
30
B
7/01
The following precautions should be followed when testing
TOPSwitch-FX by itself outside of a power supply. The schematic
shown in Figure 34 is suggested for laboratory testing of
TOPSwitch-FX.
When the DRAIN pin supply is turned on, the part will be in the
auto-restart mode. The CONTROL pin voltage will be oscillating
at a low frequency between 4.8 and 5.8 V and the drain is turned
on every eighth cycle of the CONTROL pin oscillation. If the
CONTROL pin power supply is turned on while in this auto-
BENCH TEST PRECAUTIONS FOR EVALUATION OF ELECTRICAL CHARACTERISTICS
Typical Performance Characteristics
restart mode, there is only a 12.5% chance that the CONTROL
pin oscillation will be in the correct state (drain active state) so
that the continuous drain voltage waveform may be observed.
It is recommended that the V
C power supply be turned on first
and the DRAIN pin power supply second if continuous drain
voltage waveforms are to be observed. The 12.5% chance of
being in the correct state is due to the divide-by-8 counter.
Temporarily shorting the CONTROL pin to the SOURCE pin
will reset TOPSwitch-FX, which then will come up in the
correct state.
.3
.4
.5
.6
.7
.8
.9
1.0
-250
-200
-150
-100
-50
0
IM (µA)
CURRENT LIMIT vs. MULTI-FUNCTION
PIN CURRENT
PI-2540-033001
60
80
100
120
140
160
180
200
TOP234 1.50
TOP233 1.00
TOP232 0.50
Scaling Factors:
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
60
80
100
120
140
160
180
200
0
5K
10K
15K
20K
25K
External Current Limit Resistor RIL (Ω)
CURRENT LIMIT vs. EXTERNAL
CURRENT LIMIT RESISTANCE
PI-2539-033001
30K
Maximum and minimum levels
are based on characterization.
Maximum
Minimum
Typical
TOP234 1.50
TOP233 1.00
TOP232 0.50
Scaling Factors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com