Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSACW_X Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # CSACW_X
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSACW_X Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  CSACW_X Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
P16E.pdf
Nov.22,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
o Part Numbering
qProduct ID
wFrequency/Capacitance
eStructure/Size
tDesign
oPackaging
CERALOCK
r (MHz)
CS
Ceramic Resonators
G
pp
T/V
pp
X
pp
A
T
MHz with No Capacitance Built-in
MHz with Built-in Capacitance
LS
CC
CR/CE/CG
CV
CW
Round Lead Type
Cap Chip Type
Small-cap Chip Type
Monolithic Chip Type
Small Monolithic Chip Type
Thickness Shear mode
Thickness Expander mode
Thickness Expander mode (3rd overtone)
Three-digit alphanumerics express
"Individual Specification."
Structure/Size
-B0
-A0
-R0
-R1
Packaging
Product ID
Code
Code
Code
iIndividual Specification
***
Code
Frequency/Capacitance
Design
Individual Specification
Code
(Part Number)
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (Hz).
Decimal point is expressed by capital letter "M."
With standard products, "
iIndividual Specification" and "oPackaging"
is omitted.
Bulk
Radial Taping H0=18mm
Plastic Taping ø=180mm
Plastic Taping ø=330mm
yInitial Frequency Tolerance
5
3
2
1
H
Initial Frequency Tolerance
Code
±0.5%
±0.3%
±0.2%
±0.1%
±0.07%
uLoad Capacity
1
2
3
4
5
6
Load Capacity
Code
5/6pF
10pF
15pF
22pF
30/33/39pF
47pF
e
CE
w
T
r
16M0
q
CS
pp indicates initial frequency tolerance and load capacity.
Radial taping is applied to lead type and plastic taping to chip type.
i
***
t
V
y
5
u
3
o
-R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com