Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSACW_X Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # CSACW_X
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSACW_X Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button CSACW_X Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Application Circuits Utilization
14
13
GND
EVALUATION BOARD
IC : M66291GP
Vset=3.3V
CERALOCK
r: CSTCR6M00G15ppp-R0
C1=39pF (Typ.)
C2=39pF (Typ.)
V1
220
Ω
1M
Ω
CERALOCK
r
C1
C2
V2
c M66291GP (Renesas)
USB Transceiver
H82
18
Fout
23
24
L
IC : MN102HF74GHL
Vdd=3.3V
H: 1~17, 22, 25, 26~42, 54, 58~60, 66~81, 83~91
L: 19, 20, 43~53, 55~57, 61~65, 82, 92~100
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE12M0G15Lpp-R0
C1=33pF (Typ.)
C2=33pF (Typ.)
V2
V1
c MN102HF74GHL (Panasonic)
16-bit Microcontroller
67
L
L1
IC : LC87F1964A
Vdd=5.0V
CERALOCK
r: CSTCE12M0G15Lpp-R0
C1=33pF (Typ.)
C2=33pF (Typ.)
HH1
V2
V1
470
Ω
CERALOCK
r
C1
C2
H: 8, 19, 39
L: 5, 20, 40
H1: 31, 33
L1: 29, 30, 32, 34~36
10k
Ω
10k
Ω
c LC87F1964A (Sanyo)
8-bit Microcontroller
H
30
29
GND
IC : TUSB2046B
Vcc=3.3V
CERALOCK
r
C1
C2
CERALOCK
r: CSTCR6M00G15ppp-R0
C1=39pF (Typ.)
C2=39pF (Typ.)
V2
V1
1M
Ω
H: 3, 25
L: 7, 28
c TUSB2046B (Texas Instruments)
USB 4-port HUB
H
48
47
GND
EVALUATION BOARD
IC : ISP1181BDGG
Vset=3.3V
CERALOCK
r
C1
C2
CERALOCK
r: CSTCR6M00G15ppp-R0
C1=39pF (Typ.)
C2=39pF (Typ.)
V2
V1
c ISP1181BDGG (Philips)
USB Controller
P16E.pdf
Nov.22,2012
22
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com