Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSACW_X Datasheet(PDF) 20 Page - Murata Manufacturing Co., Ltd.

Part # CSACW_X
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSACW_X Datasheet(HTML) 20 Page - Murata Manufacturing Co., Ltd.

Back Button CSACW_X Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Packaging for Automotive
Continued from the preceding page.
Dimensions of Carrier Tape
(in mm)
4.0±0.1
Cover Film
4.0±0.1
2.0±0.05
ø1.5
+0.1
-0.0
ø1.0
+0.1
-0.0
+0.10
-0.05
Direction of Feed
(3°)
1.50
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
10°
c Dimensions of Taping
CSTCE_V13C
(in mm)
4.0±0.1
2.0±0.05
+0.3
-0.0
ø1.55±0.05
ø1.5
4.0±0.1
3.3±0.1
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
Cover Film
10°
(3°)
Direction of Feed
Frequency Range
∗1, ∗2: Dimensions vary with frequency range of CERALOCKr.
2.00–2.99MHz
3.00–3.99MHz
1.85±0.05
2.45 max.
1.65±0.05
2.25 max.
t1
∗1
t2
∗2
CSTCC_G_A
(in mm)
4.0±0.1
2.0±0.05
4.0±0.1
ø1.5
+0.1
-0
ø1.5
+0.1
-0
2.2±0.1
Direction of Feed
(3°)
10°
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
CSTCR_G_B
(in mm)
2.0±0.05
4.0±0.1
(3˚)
10°
Cover Film
Direction of Feed
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
4.0±0.1
ø1.5 -0.0
+0.1
ø1.0 -0.0
+0.2
1.50 -0.05
+0.10
CSTCE_G_A
Dimensions of Carrier Tape
(in mm)
4.0±0.1
Cover Film
4.0±0.1
2.0±0.05
ø1.5
+0.1
-0.0
ø1.0
+0.1
-0.0
+0.10
-0.05
Direction of Feed
(3°)
1.50
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
10°
CSTCE_V_C
(in mm)
Thickness of CERALOCK
r
∗1, ∗2: Dimensions vary with product thickness of CERALOCKr.
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
Direction of Feed
1.50–1.40
1.30–1.20
1.10–1.00
t1
∗1
t2
∗2
1.65±0.1
2.0 max.
1.45±0.1
1.8 max.
1.2±0.1
1.5 max.
4.0±0.1
10°
2.0±0.1
+0.1
–0.0
ø1.5
+0.2
–0.0
ø1.5
(3°)
4.0±0.1
+0.1
–0.05
3.35
CSTCV_X_Q
(in mm)
Thickness of CERALOCK
r
∗1, ∗2: Dimensions vary with product thickness of CERALOCKr.
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
Direction of Feed
1.50–1.40
1.30–1.20
1.10–1.00
t1
∗1
t2
∗2
1.65±0.1
2.0 max.
1.45±0.1
1.8 max.
1.2±0.1
1.5 max.
4.0±0.1
10°
2.0±0.1
+0.1
–0.0
ø1.5
+0.2
–0.0
ø1.5
(3°)
4.0±0.1
+0.1
–0.05
3.35
CSACV_X_Q
P16E.pdf
Nov.22,2012
18
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com