Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSACW_X Datasheet(PDF) 40 Page - Murata Manufacturing Co., Ltd.

Part # CSACW_X
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSACW_X Datasheet(HTML) 40 Page - Murata Manufacturing Co., Ltd.

Back Button CSACW_X Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Packaging for General Usage -MHz Chip Type-
(in mm)
ab
CSTCC_G
CSTCR_G
CSTCR_G15L
CSTCR_GH5L
CSTCE_G
CSTCE_G15L
CSTCE_GH5L
CSTCE_V
CSTCE_V13L
CSTCE_VH3L
CSTCG_V
CSTCW_X
CSTCW_X11
CSACW_X
Part Number
Plastic Tape ø180mm
Plastic Tape ø330mm
Bulk
Dimensions
2,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
6,000
9,000
9,000
9,000
9,000
9,000
9,000
9,000
9,000
9,000
9,000
9,000
9,000
9,000
500
500
500
500
500
500
500
500
500
500
500
500
500
500
a
a
a
b
b
b
b
b
b
b
b
b
b
b
17.0±1.0
ø13.0±0.2
2.0±0.5
160-190
Trailer
Leader
Empty
400-560
Cover Film
Components
Trailer
160-190
Empty
160 min.
Empty
160 min.
400-560
Cover Film
Leader
Empty Components
ø13.0±0.2
2.0±0.5
+1.0
–0
9.0
13.0±1.0
(pcs.)
Dimensions of Reel
The order quantity should be an integral multiple of the "Minimum Quantity" shown above.
13.0
+1.0
0
c Minimum Quantity
(in mm)
4.0±0.1
2.0±0.05
4.0±0.1
ø1.5
+0.1
-0
ø1.5
+0.1
-0
2.2±0.1
Direction of Feed
(3°)
10°
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
c Dimensions of Taping
CSTCR_G15L/CSTCR_GH5L
(in mm)
2.0±0.05
4.0±0.1
(3˚)
10°
Cover Film
Direction of Feed
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
4.0±0.1
ø1.5 -0.0
+0.1
ø1.0 -0.0
+0.2
1.50 -0.05
+0.10
CSTCE_G15L/CSTCE_GH5L
Continued on the following page.
P16E.pdf
Nov.22,2012
38
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com