Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSACW_X Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # CSACW_X
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSACW_X Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button CSACW_X Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Ceramic Resonators (CERALOCK
r)
MHz Chip Type -Tight Frequency Tolerance for General Usage-
Chip type CERALOCK(R) with built-in load capacitors
provides high accuracy in an extremely small package.
MURATA's frequency adjustment and packaging technology
expertise has enabled the development of the chip
CERALOCK(R) with built-in load capacitors.
High-density mounting is made possible by the small
package and the elimination of the need for an external
load capacitor.
c Features
1. Oscillation circuits do not require external load
capacitors.
2. Available in a wide frequency range.
3. Extremely small and have a low profile.
4. No adjustment is necessary for oscillation circuits.
c Applications
1. Clock oscillators for USB (Full-speed)
controller ICs
2. Audio equipment and musical instruments, etc.
3. Other applications for replacement of Crystal
Oscillators
4.5±0.1
4.1 max.
0.4 (ref.)
0.4±0.1
0.4±0.1
0.4±0.1
(3)
(2)
(1)
0.6±0.05
0.75±0.1
1.5±0.1
1.5±0.1
0.4 (ref.)
0.4 (ref.)
0.2±0.2
: EIAJ Monthly
Code
(in mm)
3.2±0.15
0.50 (ref.)
0.50 (ref.)
0.50 (ref.)
3.0 max.
0.4±0.1
0.4±0.1
1.2±0.1 1.2±0.1
(1)
(2)
(3)
0.1±0.1
0.4±0.1
0.4±0.1 0.4±0.1
(in mm)
: EIAJ Monthly
Code
3.2±0.15
0.1±0.1
0.4±0.1
0.5 (ref.)
0.5 (ref.)
3.0 max.
0.4±0.1
(1)
(2)
(3)
0.4±0.1
1.2±0.1 1.2±0.1
0.4±0.1
0.4±0.1
0.5 (ref.)
(in mm)
: EIAJ Monthly
Code
2.5±0.2
1.4 max.
Thickness varies
with frequency and
built-in capacitance.
: EIAJ code
0.5±0.2
0.5±0.2
0.5±0.2
1.0±0.2
1.0±0.2
1.25±0.2
(0.5)
(3)
(0.5)
(1)
(0.5)
(2)
0.05+0.10
- 0.05
0.05+0.10
- 0.05
0.4
+0.3
- 0.2
0.4
+0.3
- 0.2
0.4
+0.3
- 0.2
(in mm)
CSTCW_X11
20.01-48.00MHz
Part Number
Oscillating
Frequency
(MHz)
Initial
Tolerance
Temperature Stability
(%)
Temperature
Range
(°C)
CSTCR_G15L
4.00 to 7.99
±0.1%
±0.08
0 to 70
CSTCR_GH5L
4.00 to 7.99
±0.07%
±0.08
0 to 70
CSTCE_G15L
8.00 to 13.99
±0.1%
±0.08
0 to 70
CSTCE_GH5L
8.00 to 13.99
±0.07%
±0.08
0 to 70
CSTCE_V13L
14.00 to 20.00
±0.1%
±0.08
0 to 70
CSTCE_VH3L
14.00 to 20.00
±0.07%
±0.08
0 to 70
CSTCW_X11
20.01 to 48.00
±0.1%
±0.1
0 to 70
Irregular or stopped oscillation may occur under unmatched circuit conditions. Please check the actual conditions prior to use.
P16E.pdf
Nov.22,2012
19
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
CSTCR_G15L/CSTCR_GH5L
4.00-7.99MHz
CSTCE_G15L/CSTCE_GH5L
8.00-13.99MHz
CSTCE_V13L/CSTCE_VH3L
14.00-20.00MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com