Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CET16M0CSV53-R0 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # CET16M0CSV53-R0
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CET16M0CSV53-R0 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button CET16M0CSV53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Application Circuits Utilization
H
23
10k
Ω
L
8
IC : μPD78F9222MC-5A4
Vdd=5.0V
H: 5, 20
L: 1
CERALOCK
r
C1
C2
CERALOCK
r: CSTCR6M00G55B-R0
C1=39pF (Typ.)
C2=39pF (Typ.)
6
V'dd=7.0V
V2
V1
c µPD78F9222MC-5A4 (Renesas)
8-bit Microcomputer
H7
23
24
L
IC : M30260F8AGP (High*)
Vcc=5.0V
H: 11, 46, 47, 48
L: 4, 9, 44
*High: XIN-XOUT Drive Capacity Select Bit
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE10M0G55A-R0
C1=33pF (Typ.)
C2=33pF (Typ.)
V2
V1
c M30260F8AGP (Renesas)
16-bit Microcomputer
H
93
92
L
IC : MB90F347D
Vcc=5.0V
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE8M00G55A-R0
C1=33pF (Typ.)
C2=33pF (Typ.)
V2
V1
H: 15, 32, 65, 90
L: 16, 35, 44, 66, 91
c MB90F347D (Fujitsu)
16-bit Microcomputer
59
58
GND
EVALUATION BOARD
IC : MC68HC908AZ60AVFU
Vdd=5.0V
CERALOCK
r: CSTCE16M0V53C-R0
C1=15pF (Typ.)
C2=15pF (Typ.)
CERALOCK
r
C1
C2
V2
V1
1M
Ω
c MC68HC908AZ60AVFU (Freescale)
8-bit Microcomputer
H
42
41
L
IC : ST72F324J6T3 (MS)
Vdd=5.0V
CERALOCK
r
C1
C2
CERALOCK
r: CSTCR4M00G55B-R0
C1=39pF (Typ.)
C2=39pF (Typ.)
V2
V1
H: 13, 21, 32, 43
L: 14, 22, 33, 39, 40
c ST72F324J6T3 (MS) (ST Microelectronics)
8-bit Microcomputer
23
L
IC : PIC12F675-I/P(HS)
Vdd=5.0V
CERALOCK
r: CSTCE8M00G52A-R0
C1=10pF (Typ.)
C2=10pF (Typ.)
CERALOCK
r
C1
C2
V2
V1
1M
Ω
H
H: 1
L: 4, 8
c PIC12F675-I/P (HS) (Microchip)
8-bit Microcomputer
P16E.pdf
Nov.22,2012
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com