Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CET16M0CSV53-R0 Datasheet(PDF) 25 Page - Murata Manufacturing Co., Ltd.

Part # CET16M0CSV53-R0
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CET16M0CSV53-R0 Datasheet(HTML) 25 Page - Murata Manufacturing Co., Ltd.

Back Button CET16M0CSV53-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Ceramic Resonators (CERALOCK
r)
MHz Chip Type -Standard Frequency Tolerance for General Usage-
Chip type CERALOCK(R) with built-in load capacitors
provides an extremely small package.
MURATA's package technology expertise has enabled the
development of the Chip CERALOCK(R) with built-in
load capacitors.
High-density mounting can be realized because of the
small package and the elimination of the need for an
external load capacitor.
c Features
1. Oscillation circuits do not require external load
capacitors.
2. Available in a wide frequency range.
3. Extremely small and have a low profile.
4. No adjustment is necessary for oscillation circuits.
c Applications
1. Clock oscillators for microprocessors
2. Small electronic equipment such as handheld phone,
digital video camcorder (DVC), digital still camera
(DSC), portable audio player, etc.
3. Storage media and memory
(HDD, Optical storage device, FDD, Flash memory
card, etc.)
4. Office automation equipment
(Mobile PC, Mouse, Keyboard, etc.)
5. Audio-visual applications
(TV, DVD-HDD recorder, Audio equipment, Remote
control, etc.)
6. Home appliances
(Air conditioner, Microwave oven, Refrigerator,
Washing machine, etc.)
0.45
(Ref.)
1.2±0.2
6.6 max.
(3)
(2)
(1)
0.3±0.3
0.5±0.05
2.5±0.1
2.5±0.1
1.1±0.1
7.2±0.2
∗
∗: EIAJ code
t : 1.75±0.05
(2.00—2.99MHz)
t : 1.55±0.05
(3.00MHz—)
1.4±0.2
1.2±0.2
0.45
(Ref.)
0.45
(Ref.)
(in mm)
CSTCC_G
2.00-3.99MHz
4.5±0.1
∗
4.1 max.
0.8±0.1
0.75±0.1 1.5±0.1
1.5±0.1
0.4±0.1
0.4±0.1
0.4±0.1
0.8±0.1
0.8±0.1
0.4 (ref.)
0.4 (ref.)
0.4 (ref.)
0.4±0.05
0.2±0.2
(2)
(1)
(3)
∗ : EIAJ Monthly
Code
(in mm)
CSTCR_G
4.00-7.99MHz
3.2±0.15
0.50 (ref.)
0.50 (ref.)
0.50 (ref.)
3.0 max.
0.4±0.1
0.4±0.1
1.2±0.1 1.2±0.1
(1)
(2)
(3)
0.1±0.1
0.4±0.1
0.4±0.1 0.4±0.1
(in mm)
∗
CSTCE_G/CSTCE_G_Z
8.00-13.99MHz
3.2±0.15
0.1±0.1
0.4±0.1
0.62 (ref.)
0.62 (ref.)
3.0 max.
0.6±0.10.4±0.1 0.6±0.1
(1)
(2)
(3)
0.65±0.1 0.95±0.1 0.95±0.1
0.45 (ref.)
(in mm)
CSTCE_V
14.00-20.00MHz
0.52 (ref.)
0.41 (ref.)
0.52 (ref.)
2.0±0.15
0.075±0.075
0.4±0.1
1.85 max.
0.5±0.1
0.3±0.1
0.7±0.1
0.7±0.1
0.3±0.1
0.5±0.1
(1)
(2)
(3)
(in mm)
CSTCG_V
20.00-33.86MHz
(Ultra Small)
Continued on the following page.
P16E.pdf
Nov.22,2012
23
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com