Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CET16M0CSV53-R0 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # CET16M0CSV53-R0
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CET16M0CSV53-R0 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  CET16M0CSV53-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
P16E.pdf
Nov.22,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
2
3
4
5
Selection Guide
2
Part Numbering
3
MHz Chip Type -Tight Frequency Tolerance for Automotive-
4
Application Circuits Utilization
6
MHz Chip Type -Standard Frequency Tolerance for Automotive-
7
Application Circuits Utilization
11
Notice for Automotive
12
Packaging for Automotive
17
MHz Chip Type -Tight Frequency Tolerance for General Usage-
19
Application Circuits Utilization
22
MHz Chip Type -Standard Frequency Tolerance for General Usage-
23
Application Circuits Utilization
27
MHz Lead Type -Standard Frequency Tolerance for General Usage-
29
Application Circuits Utilization
31
Notice for General Usage
MHz Chip Type
32
MHz Lead Type
37
Packaging for General Usage
MHz Chip Type
38
MHz Lead Type
41
CERALOCK
r, CERALOCK(R) and "CERALOCK" in this catalog are
the trademarks of Murata Manufacturing Co., Ltd.
CONTENTS
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com