Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CET16M0CSV53-R0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # CET16M0CSV53-R0
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CET16M0CSV53-R0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  CET16M0CSV53-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
P16E.pdf
Nov.22,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
Applications
CSTCR_G15L
CSTCR_GH5L
4.00–7.99MHz
CSTCE_G15L
CSTCE_GH5L
8.00–13.99MHz
CSTCE_V13L
CSTCE_VH3L
14.00–20.00MHz
CSTCW_X11
20.01–48.00MHz
CSTCG_V
20.00–33.86MHz
CSTCC_G
2.00–3.99MHz
CSTCR_G
4.00–7.99MHz
CSTCE_G
8.00–13.99MHz
CSTLS_G
3.40–10.00MHz
CSTLS_X
16.00–70.00MHz
CSTCR_G15C
4.00–7.99MHz
CSTCE_G15C
8.00–13.99MHz
CSTCE_V13C
14.00–20.00MHz
CSTCE_V
14.00–20.00MHz
CSTCW_X
20.01–70.00MHz
CSACW_X
20.01–70.00MHz
Standard Tolerance
Standard Tolerance
Consumer
Automotive
Tight Tolerance
Tight Tolerance
(Two Terminals)
Super Small!
CSTCC_G_A
2.00–3.99MHz
CSTCR_G_B
4.00–7.99MHz
CSTCE_G_A
8.00–13.99MHz
CSTCE_V_C
14.00–20.00MHz
CSTCV_X_Q
20.01–70.00MHz
CSACV_X_Q
20.01–70.00MHz
(Two Terminals)
Notice: "CERALOCK
r for consumer" and "CERALOCKr for automotive" is different in the specification of Operating Temperature Range, Environmental Characteristics,
Physical Characteristics and so on. Please choose either "for consumer" or "for automotive" according to the required specification.
SMD
SMD
Leaded
SMD
SMD
Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com