Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CET16M0CSV53-R0 Datasheet(PDF) 33 Page - Murata Manufacturing Co., Ltd.

Part # CET16M0CSV53-R0
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CET16M0CSV53-R0 Datasheet(HTML) 33 Page - Murata Manufacturing Co., Ltd.

Back Button CET16M0CSV53-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Application Circuits Utilization
H25
28
29
L
M38235G6HP
Vcc=5.0V
H: 71
L: 30, 73
CERALOCK
r
C1
C2
CERALOCK
r: CSTLS8M00G53-B0
C1=15pF (Typ.)
C2=15pF (Typ.)
V2
V1
c M38235G6HP (Renesas)
8-bit Microcomputer
26
H'
H
2
67
L
L'
10kF
2.2kF
IC : LC87F5G32A
Vdd=5.0V
10k
Ω
10k
Ω
100pF
47000pF
510
Ω
H: 8, 19, 39
L: 5, 20, 40
H': 29, 31, 35
L': 30, 32~34, 36
CERALOCK
r
C1
C2
CERALOCK
r: CSTLS5M00G53-B0
C1=15pF (Typ.)
C2=15pF (Typ.)
V2
V1
c LC87F5G32A (Sanyo)
8-bit Microcomputer
P16E.pdf
Nov.22,2012
31
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com