Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5625BCPZ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5625BCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5625BCPZ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5625BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. C | Page 29 of 36
Synchronous LDAC
The DAC registers are updated after new data is read in. LDAC
can be permanently low or pulsed.
Asynchronous LDAC
The outputs are not updated at the same time that the input
registers are written to. When LDAC goes low, the DAC
registers are updated with the contents of the input register.
The LDAC register gives the user full flexibility and control over
the hardware LDAC pin (and software LDAC on the 10-lead
parts that do not have the hardware LDAC pin—see Table 13).
This register allows the user to select which combination of
channels to simultaneously update when the hardware LDAC
pin is executed. Setting the LDAC bit register to 0 for a DAC
channel means that the update of this channel is controlled by
the LDAC pin. If this bit is set to 1, this channel synchronously
updates; that is, the DAC register is updated after new data is
read in, regardless of the state of the LDAC pin. The device
effectively sees the LDAC pin as being pulled low. See Table 14
for the LDAC register mode of operation. This flexibility is
useful in applications when the user wants to simultaneously
update select channels while the rest of the channels are
synchronously updating.
Writing to the DAC using Command 110 loads the 4-bit LDAC
register [DB3:DB0]. The default for each channel is 0; that is,
the LDAC pin works normally. Setting the bits to 1 means that
the DAC register is updated, regardless of the state of the LDAC
pin. See Figure 68 for the contents of the input shift register
during the LDAC register setup command.
Table 13. LDAC Register Mode of Operation on the 10-Lead
LFCSP (Load DAC Register)
LDAC Bits
(DB3 to DB0)
LDAC Mode of Operation
0
Normal operation (default), DAC register
update is controlled by the write command.
1
The DAC registers are updated after new data
is read in.
Table 14. LDAC Register Mode of Operation on the 14-Lead
TSSOP (Load DAC Register)
LDAC Bits
(DB3 to DB0)
LDAC Pin
LDAC Operation
0
1/0
Determined by the LDAC pin.
1
x = don’t
care
The DAC registers are updated
after new data is read in.
Figure 68. LDAC Setup Command
R
S
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
X
1
1
0
A2
A1
A0
X
X
X
X
X
X
X
X
X
X
X
X
DAC D DAC C DAC B DAC A
COMMAND
DAC ADDRESS
(DON’T CARE)
DON’T CARE
DON’T CARE
DAC SELECT
(0 = LDAC PIN ENABLED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com