Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5625BCPZ-R2 Datasheet(PDF) 35 Page - Analog Devices

Part # AD5625BCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5625BCPZ-R2 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5625BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Data Sheet
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. C | Page 35 of 36
ORDERING GUIDE
Model1
Temperature
Range
Accuracy
On-Chip
Reference
Maximum
I2C Speed
Package
Description
Package
Option
Branding
AD5625BCPZ-R2
−40°C to +105°C
±1 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
D8V
AD5625BCPZ-REEL7
−40°C to +105°C
±1 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
D8V
AD5625BRUZ
−40°C to +105°C
±1 LSB INL
None
400 kHz
14-Lead TSSOP
RU-14
AD5625BRUZ-REEL7
−40°C to +105°C
±1 LSB INL
None
400 kHz
14-Lead TSSOP
RU-14
AD5625RBCPZ-R2
−40°C to +105°C
±1 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D8S
AD5625RBCPZ-REEL7
−40°C to +105°C
±1 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D8S
AD5625RACPZ-REEL7
−40°C to +105°C
±4 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
DEU
AD5625RACPZ-1RL7
−40°C to +105°C
±4 LSB INL
2.5 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
DFW
AD5625RBRUZ-1
−40°C to +105°C
±1 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
AD5625RBRUZ-1REEL7
−40°C to +105°C
±1 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
AD5625RBRUZ-2
−40°C to +105°C
±1 LSB INL
2.5 V
3.4 MHz
14-Lead TSSOP
RU-14
AD5625RBRUZ-2REEL7
−40°C to +105°C
±1 LSB INL
2.5 V
3.4 MHz
14-Lead TSSOP
RU-14
AD5645RBCPZ-R2
−40°C to +105°C
±4 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D89
AD5645RBCPZ-REEL7
−40°C to +105°C
±4 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
D89
AD5645RBRUZ
−40°C to +105°C
±4 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
AD5645RBRUZ-REEL7
−40°C to +105°C
±4 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
AD5665BCPZ-R2
−40°C to +105°C
±16 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
D6U
AD5665BCPZ-REEL7
−40°C to +105°C
±16 LSB INL
None
400 kHz
10-Lead LFCSP_WD
CP-10-9
D6U
AD5665BRUZ
−40°C to +105°C
±16 LSB INL
None
400 kHz
14-Lead TSSOP
RU-14
AD5665BRUZ-REEL7
−40°C to +105°C
±16 LSB INL
None
400 kHz
14-Lead TSSOP
RU-14
AD5665RBCBZ-1-RL7
−40°C to +105°C
±16 LSB INL
1.25 V
400 kHz
12-Ball WLCSP
CB-12-9
AD5665RBCPZ-R2
−40°C to +105°C
±16 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
DA2
AD5665RBCPZ-REEL7
−40°C to +105°C
±16 LSB INL
1.25 V
400 kHz
10-Lead LFCSP_WD
CP-10-9
DA2
AD5665RBRUZ-1
−40°C to +105°C
±16 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
AD5665RBRUZ-1REEL7
−40°C to +105°C
±16 LSB INL
2.5 V
400 kHz
14-Lead TSSOP
RU-14
AD5665RBRUZ-2
−40°C to +105°C
±16 LSB INL
2.5 V
3.4 MHz
14-Lead TSSOP
RU-14
AD5665RBRUZ-2REEL7
−40°C to +105°C
±16 LSB INL
2.5 V
3.4 MHz
14-Lead TSSOP
RU-14
EVAL-AD5665REBZ1
TSSOP Evaluation
Board
EVAL-AD5665REBZ2
LFCSP Evaluation
Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com