Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5625BCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5625BCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5625BCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5625BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Data Sheet
Rev. C | Page 12 of 36
Figure 8. Pin Configuration (12-Ball WLCSP)
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VREFIN/VREFOUT
The AD5665R has a common pin for reference input and reference output. When using the internal reference,
this is the reference output pin. When using an external reference, this is the reference input pin. The default
for this pin is as a reference input.
A2, B2, C2
GND
Ground Reference Point for All Circuitry on the Part.
A3
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
B1
VDD
Power Supply Input. The AD5665R can be operated from 2.7 V to 5.5 V, and the supply should be decoupled
with a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
B3
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
C1
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit input
register. It is a bidirectional, open-drain data line that should be pulled to the supply with an external pull-up
resistor.
C3
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
D1
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit input
register.
D2
ADDR
Three-State Address Input. Sets the two least significant bits (Bit A1, Bit A0) of the 7-bit slave address
(see Table 9).
D3
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
GND VOUTA
VDD
GND VOUTB
SDA
GND VOUTC
SCL ADDR VOUTD
1
A
B
C
D
2
3
BALL A1
INDICATOR
VREFIN/
VREFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com