Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5625BCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5625BCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5625BCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5625BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Data Sheet
Rev. C | Page 10 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VREFIN/VREFOUT to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range, Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ maximum)
150°C
Power Dissipation
(TJ max − TA)/θJA
θJA Thermal Impedance
LFCSP_WD (4-Layer Board)
61°C/W
TSSOP
150.4°C/W
WLCSP
75°C/W
Reflow Soldering Peak Temperature,
RoHS Compliant
260°C ± 5°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com