Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5625BCPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5625BCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5625BCPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5625BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5625BCPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. C | Page 13 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9. INL, AD5665, External Reference
Figure 10. INL, AD5645R, External Reference
Figure 11. INL, AD5625, External Reference
Figure 12. DNL, AD5665, External Reference
Figure 13. DNL, AD5645R, External Reference
Figure 14. DNL, AD5625, External Reference
CODE
10
4
6
8
0
2
–6
–10
–8
–2
–4
0
5k
10k 15k 20k 25k 30k 35k 40k 45k 50k 55k 60k 65k
VDD = VREF = 5V
TA = 25°C
CODE
4
–4
0
2500
5000
7500
10000
12500
15000
–3
–2
–1
0
1
2
3
VDD = VREF = 5V
TA = 25°C
CODE
1.0
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
–0.8
–0.6
–0.4
0
0.4
0.2
–0.2
0.6
0.8
VDD = VREF = 5V
TA = 25°C
CODE
1.0
0.6
0.4
0.2
0.8
0
–0.4
–0.2
–0.6
–1.0
–0.8
0
10k
20k
30k
40k
50k
60k
VDD = VREF = 5V
TA = 25°C
0.5
0.3
0.2
0.1
0.4
0
–0.2
–0.1
–0.3
–0.5
–0.4
VDD = VREF = 5V
TA = 25°C
CODE
0
2500
5000
7500
10000
12500
15000
0.20
0.10
0.05
0.15
0
–0.05
–0.10
–0.20
–0.15
CODE
0
500
1000
1500
2000
2500
3000
3500
4000
VDD = VREF = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com