Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9979BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 35Page - Analog Devices AD9979BCPZ Datasheet HTML 36Page - Analog Devices AD9979BCPZ Datasheet HTML 37Page - Analog Devices AD9979BCPZ Datasheet HTML 38Page - Analog Devices AD9979BCPZ Datasheet HTML 39Page - Analog Devices AD9979BCPZ Datasheet HTML 40Page - Analog Devices AD9979BCPZ Datasheet HTML 41Page - Analog Devices AD9979BCPZ Datasheet HTML 42Page - Analog Devices AD9979BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AD9979
Rev. C | Page 39 of 56
+
5
+
+
AD9979
1
2
3
4
5
7
9
11
6
8
10
12
36
35
34
33
32
30
28
26
31
29
27
25
(LSB) D0
D1
D2
D3
D4
DRVSS
DRVDD
D5
D6
D7
D8
D9
0.1µF
4.7µF
3V
DRIVER
SUPPLY
12
DATA
OUTPUTS
0.1µF
0.1µF
4.7µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
4.7µF
H1, H2, H3, H4, HL TO CCD
3V H-DRIVER SUPPLY
RG TO CCD
REFB
REFT
AVDD
AVSS
CCDINM
AVDD
CLI
IOVDD
CCDINP
AVSS
LDOOUT
RG
CCD SIGNAL PLUS
1.8V LDOOUT
MASTER CLOCK INPUT
1.8V LDO OUTPUT TO AVDD, DVDD
3.0V I/O, LDO SUPPLY
SERIAL
INTERFACE
+3V
GENERAL-PURPOSE
OUTPUTS
2
3
0.1µF
1.8V LDOOUT
2
VD/HD/HBLK INPUTS
PIN 1
INDICATOR
NC = NO CONNECT
Figure 54. Typical 3 V Circuit Configuration
+
5
+
+
AD9979
1
2
3
4
5
7
9
11
6
8
10
12
36
35
34
33
32
30
28
26
31
29
27
25
(LSB) D0
D1
D2
D3
D4
DRVSS
DRVDD
D5
D6
D7
D8
D9
0.1µF
4.7µF
3V
DRIVER
SUPPLY
12
DATA
OUTPUTS
0.1µF
0.1µF
4.7µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
4.7µF
H1, H2, H3, H4, HL TO CCD
3V H-DRIVER SUPPLY
RG TO CCD
REFB
REFT
AVDD
AVSS
CCDINM
AVDD
CLI
IOVDD
CCDINP
AVSS
LDOOUT
RG
CCD SIGNAL PLUS
1.8V ANALOG SUPPLY
MASTER CLOCK INPUT
1.8V I/O SUPPLY
SERIAL
INTERFACE
GENERAL-PURPOSE
OUTPUTS
2
3
0.1µF
1.8V ANALOG SUPPLY
2
VD/HD/HBLK INPUTS
PIN 1
INDICATOR
NC = NO CONNECT
0.1µF
Figure 55. Typical 1.8 V Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com