Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9979BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 15Page - Analog Devices AD9979BCPZ Datasheet HTML 16Page - Analog Devices AD9979BCPZ Datasheet HTML 17Page - Analog Devices AD9979BCPZ Datasheet HTML 18Page - Analog Devices AD9979BCPZ Datasheet HTML 19Page - Analog Devices AD9979BCPZ Datasheet HTML 20Page - Analog Devices AD9979BCPZ Datasheet HTML 21Page - Analog Devices AD9979BCPZ Datasheet HTML 22Page - Analog Devices AD9979BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
AD9979
Rev. C | Page 19 of 56
Name
Length
Range
Description
HBLKTOGO1
13 bits
0 to 8191 pixel location
First HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO2
13 bits
0 to 8191 pixel location
Second HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO3
13 bits
0 to 8191 pixel location
Third HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO4
13 bits
0 to 8191 pixel location
Fourth HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO5
13 bits
0 to 8191 pixel location
Fifth HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO6
13 bits
0 to 8191 pixel location
Sixth HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE1
13 bits
0 to 8191 pixel location
First HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE2
13 bits
0 to 8191 pixel location
Second HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE3
13 bits
0 to 8191 pixel location
Third HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE4
13 bits
0 to 8191 pixel location
Fourth HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE5
13 bits
0 to 8191 pixel location
Fifth HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1
HBLKTOGE6
13 bits
0 to 8191 pixel location
Sixth HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
RAxHyREPz1
12 bits
0 to 15 HCLK pulses
HBLK Mode 2 even field Repeat Area x. Number of Hy repetitions for HBLKSTARTz
even lines.2
Bits[3:0]: number of Hy pulses following HBLKSTARTA.
Bits[7:4]: number of Hy pulses following HBLKSTARTB.
Bits[11:8]: number of Hy pulses following HBLKSTARTC.
HBLKSTARTA
13 bits
0 to 8191 pixel location
HBLK Repeat Area Start Position A for HBLK Mode 2.
HBLKSTARTB
13 bits
0 to 8191 pixel location
HBLK Repeat Area Start Position B for HBLK Mode 2.
HBLKSTARTC
13 bits
0 to 8191 pixel location
HBLK Repeat Area Start Position C for HBLK Mode 2.
HBLKALT_PATx3
3 bits
0 to 5 even repeat area
HBLK Mode 2 odd field Repeat Area x pattern. Selected from even field repeat areas.4
1 The variable x represents the repeat area, from 0 to 5. The variable y represents the horizontal driver, 1 or 2. The variable z represents the HBLK repeat area start
position for HBLK Mode 2, A, B, or C.
2 Odd lines defined using HBLKALT_PATx.
3 The variable x represents the repeat area, from 0 to 5.
4 Even lines defined using RAxHyREPz; also see Note 1.
HBLK
HBLK REPEATING PATTERN IS CREATED USING HBLKLEN AND HBLKREP REGISTERS.
H1/H3
H2/H4
HBLKSTART HBLKTOGE1
HBLKTOGE2
HBLKEND
HBLKTOGE3
HBLKTOGE4
HBLKLEN
HBLKREP NUMBER 1
HBLKREP NUMBER 2
HBLKREP NUMBER 3
HBLKREP = 3
Figure 26. HBLK Repeating Pattern Using HBLK Mode 1 (Register Value = 1)
HBLK Mode 1 Operation
Multiple repeats of the HBLK signal can be enabled by setting
HBLKMODE to 1. In this mode, the HBLK pattern is generated
using a different set of registers: HBLKSTART, HBLKEND,
HBLKLEN, and HBLKREP, along with the six toggle positions
(see Figure 26).
Generating HBLK Line Alternation
HBLK Mode 0 and HBLK Mode 1 provide the ability to alternate
HBLK toggle positions on even and odd lines for which separate
toggle positions are available. If even/odd line alternation is not
required, load the same values into the registers for the even
lines (HBLKTOGEx) as the odd (HBLKTOGOx) lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com