Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9979BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 17Page - Analog Devices AD9979BCPZ Datasheet HTML 18Page - Analog Devices AD9979BCPZ Datasheet HTML 19Page - Analog Devices AD9979BCPZ Datasheet HTML 20Page - Analog Devices AD9979BCPZ Datasheet HTML 21Page - Analog Devices AD9979BCPZ Datasheet HTML 22Page - Analog Devices AD9979BCPZ Datasheet HTML 23Page - Analog Devices AD9979BCPZ Datasheet HTML 24Page - Analog Devices AD9979BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AD9979
Rev. C | Page 21 of 56
HBLK Mode 2 Operation
HBLK Mode 2 allows more advanced HBLK pattern operation.
If unevenly spaced, multiple areas of HCLK pulses are needed;
therefore, use HBLK Mode 2. Using a separate set of registers,
HBLK Mode 2 can divide the HBLK region into up to six
different repeat areas (see Table 11). As shown in Figure 28,
each repeat area shares a common group of toggle positions,
HBLKSTARTA, HBLKSTARTB, and HBLKSTARTC. However, the
number of toggles following each HBLKSTARTA, HBLKSTARTB,
and HBLKSTARTC position can be unique in each repeat area
by using RAxHyREPz, where x represents the repeat area, from 0
to 5, y represents the horizontal driver, 1 or 2, and z represents the
HBLK repeat area start position for HBLK Mode 2, A, B, or C.
As shown in Figure 29, setting the RAxH1REPA/RAxH1REPB/
RAxH1REPC or RAxH2REPA/RAxH2REPB/RAxH2REPC
registers to 0 masks the HCLK groups from appearing in a
particular repeat area. Figure 28 shows only two repeat areas
being used, although up to six are available. It is possible to
program a separate number of repeat area repetitions for H1
and H2, but generally, the same value is used for both H1 and H2.
Figure 28 shows the example
RA0H1REPA/RA0H1REPB/RA0H1REPC =
RA0H2REPA/RA0H2REPB/RA0H2REPC =
RA1H1REPA/RA1H1REPB/RA1H1REPC =
RA1H2REPA/RA1H2REPB/RA1H2REPC = 2.
Furthermore, HBLK Mode 2 allows a different HBLK pattern
on even and odd lines. HBLKSTARTA, HBLKSTARTB, and
HBLKSTARTC, as well as RAxH1REPA/RAxH1REPB/
RAxH1REPC and RAxH2REPA/RAxH2REPB/RAxH2REPC,
define operation for the even lines. For separate control of the
odd lines, the HBLKALT_PATx registers specify up to six repeat
areas on the odd lines by reordering the repeat areas used for the
even lines. New patterns are not available, but the order of the
previously defined repeat areas on the even lines can be changed
for the odd lines to accommodate advanced CCD operation.
HBLK
H1
H2
HBLKSTART
HBLKSTARTA
HBLKEND
HBLKLEN
REPEAT AREA 0
HBLKREP = 2
TO CREATE 2 REPEAT AREAS
HD
REPEAT AREA 1
HBLKSTARTB
HBLKSTARTC
RA0H1REPA RA0H1REPB
RA0H1REPC
ALL RAxHyREPz REGISTERS = 2, TO CREATE 2 HCLK PULSES
RA1H1REPA RA1H1REPB
RA1H1REPC
RA0H2REPA RA0H2REPB
RA0H2REPC
RA1H2REPA RA1H2REPB
RA1H2REPC
Figure 28. HBLK Mode 2 Registers
H1
H2
HBLKSTART
A
HBLKEND
REPEAT AREA 0
HD
B
C
REPEAT AREA 1
REPEAT AREA 2
REPEAT AREA 3
REPEAT AREA 4
REPEAT AREA 5
MASK A, B, C PULSES IN ANY REPEAT
AREA BY SETTING RAxHyREPz = 0
CHANGE NUMBER OF A, B, C PULSES IN ANY
REPEAT AREA USING RAxHyREPz REGISTERS
CREATE UP TO 3 GROUPS OF TOGGLES
A, B, C COMMON IN ALL REPEAT AREAS
Figure 29. HBLK Mode 2 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com