Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9979BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 9Page - Analog Devices AD9979BCPZ Datasheet HTML 10Page - Analog Devices AD9979BCPZ Datasheet HTML 11Page - Analog Devices AD9979BCPZ Datasheet HTML 12Page - Analog Devices AD9979BCPZ Datasheet HTML 13Page - Analog Devices AD9979BCPZ Datasheet HTML 14Page - Analog Devices AD9979BCPZ Datasheet HTML 15Page - Analog Devices AD9979BCPZ Datasheet HTML 16Page - Analog Devices AD9979BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
AD9979
Rev. C | Page 13 of 56
PROGRAMMABLE TIMING GENERATION
PRECISION TIMING HIGH SPEED TIMING CORE
The AD9979 generates flexible high speed timing signals using
the Precision Timing core. This core is the foundation for
generating the timing for both the CCD and the AFE; the reset
gate (RG), the HL, Horizontal Driver H1 to Horizontal Driver
H4, and the SHP and SHD sample clocks. A unique architecture
makes it routine for the system designers to optimize image
quality by providing precise control over the horizontal CCD
readout and the AFE-correlated double sampling.
Timing Resolution
The Precision Timing core uses a master clock input (CLI) as a
reference. This clock is recommended to be the same as the
CCD pixel clock frequency. Figure 15 illustrates how the internal
timing core divides the master clock period into 64 steps, or
edge positions. Therefore, the edge resolution of the Precision
Timing core is tCLI/64. (For more information on using the
CLI input, refer to the Applications Information section.)
Using a 65 MHz CLI frequency, the edge resolution of the
Precision Timing core is approximately 240 ps. If a 1× system
clock is not available, it is also possible to use a 2× reference
clock, by programming the CLIDIVIDE register (Address 0x0D).
The AD9979 then internally divides the CLI frequency by 2.
High Speed Clock Programmability
Figure 16 shows how the high speed clocks, RG, HL, H1 to H4,
SHP, and SHD, are generated. The RG pulse has programmable
rising and falling edges and can be inverted using the polarity
control. The HL, H1, and H2 horizontal clocks have separate
programmable rising and falling edges and polarity control. The
AD9979 provides additional HCLK mode programmability, see
Table 8.
The edge location registers are each six bits wide, allowing the
selection of all 64 edge locations. Figure 19 shows the default
timing locations for all of the high speed clock signals.
P[0]
P[64] = P[0]
P[16]
P[32]
P[48]
1 PIXEL
PERIOD
CLI
tCLIDLY
POSITION
NOTES
1. THE PIXEL CLOCK PERIOD IS DIVIDED INTO 64 POSITIONS, PROVIDING FINE EDGE RESOLUTION FOR HIGH SPEED CLOCKS.
2. THERE IS A FIXED DELAY FROM THE CLI INPUT TO THE INTERNAL PIXEL PERIOD POSITION (
tCLIDLY).
tCONV
Figure 15. High Speed Clock Resolution From CLI Master Clock Input
HL
CCD
SIGNAL
RG
PROGRAMMABLE CLOCK POSITIONS:
1SHP SAMPLE LOCATION.
2SHD SAMPLE LOCATION.
3RG RISING EDGE.
4RG FALLING EDGE.
5H1 RISING EDGE.
6H1 FALLING EDGE.
7HL RISING EDGE.
8HL FALLING EDGE.
1
2
34
78
H2, H4
H1, H3
56
Figure 16. High Speed Clock Programmable Locations (HCLKMODE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com