Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9979BCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 39Page - Analog Devices AD9979BCPZ Datasheet HTML 40Page - Analog Devices AD9979BCPZ Datasheet HTML 41Page - Analog Devices AD9979BCPZ Datasheet HTML 42Page - Analog Devices AD9979BCPZ Datasheet HTML 43Page - Analog Devices AD9979BCPZ Datasheet HTML 44Page - Analog Devices AD9979BCPZ Datasheet HTML 45Page - Analog Devices AD9979BCPZ Datasheet HTML 46Page - Analog Devices AD9979BCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
AD9979
Rev. C | Page 43 of 56
COMPLETE REGISTER LISTING
All addresses and default values are expressed in hexadecimal. When an address contains less than 28 data bits, all remaining bits must be
written as 0s.
Table 24. AFE Registers
Address
Data Bit
Content
Default
Value
Update
Type
Name
Description
00
[1:0]
3
SCK
STANDBY
Standby modes.
0 = normal operation (full power).
1 = reference standby mode.
2 = total shutdown mode (lowest power).
3 = total shutdown mode (lowest power).
[2]
1
REFBUF_PWRDN
Reference buffer for REFT and REFB power control.
0 = REFT/REFB internally driven.
1 = REFT/REFB not driven.
[3]
1
CLAMPENABLE
Clamp enable control.
0 = disable black clamp.
1 = enable black clamp.
[5:4]
0
TESTMODE
Test operation only. Set to 0.
[6]
0
PBLK_LVL
PBLK level control.
0 = blank to 0.
1 = blank to clamp level.
[7]
0
DCBYP
DC restore circuit control.
0 = enable dc restore circuit during PBLK.
1 = bypass dc restore circuit during PBLK.
[9:8]
0
CDSMODE
CDS operation.
0 = normal (inverting) CDS mode.
1 = sample/hold amplifier (SHA) mode.
2 = positive (noninverting) CDS mode.
3 = invalid. Do not use.
[16:10]
0
TESTMODE
Test operation only. Set to 0.
[27:17]
Unused
Set unused bits to 0.
01
[1:0]
0
SCK
TESTMODE
Test operation only. Set to 0.
[2]
0
GRAYENCODE
Gray coding ADC outputs.
0 = disable.
1 = enable.
[3]
0
TESTMODE
Test operation only. Set to 0.
[4]
1
TESTMODE
Test operation only. Set to 0.
[27:5]
Unused
Set unused bits to 0.
02
[0]
0
TESTMODE
Test operation only. Set to 0.
[27:1]
Unused
Set unused bits to 0.
03
[23:0]
FFFFFF
TESTMODE
Test operation only. Set to FFFFFF.
[27:24]
Unused
Set unused bits to 0.
04
[1:0]
1
VD
CDSGAIN
CDS gain setting.
0 = −3 dB.
1 = 0 dB (default).
2 = +3 dB.
3 = +6 dB.
[27:2]
Unused
Set unused bits to 0.
05
[9:0]
F
VD
VGAGAIN
VGA gain. 6 dB to 42 dB in 0.035 dB per step.
[27:10]
Unused
Set unused bits to 0.
06
[9:0]
1EC
VD
CLAMPLEVEL
Optical black clamp level; 0 LSB to 1023 LSB (1 LSB per step).
[27:10]
Unused
Set unused bits to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com