Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ660SPTR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNQ660SPTR-E
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SPTR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNQ660SPTR-E Datasheet HTML 4Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 5Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 6Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 7Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 8Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 9Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 10Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 11Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical specifications
VNQ660SP
8/26
Note:
To ensure long term reliability under heavy overload or short circuit conditions, protection
and related diagnostic signals must be used together with a proper software strategy. If the
device is subjected to abnormal conditions, this software must limit the duration and number
of activation cycles.
IL(off1)
Off state output current
VIN = VOUT = 0V
0
50
µA
IL(off2)
Off state output current
VIN = 0V; VOUT = 3.5V
-75
0
µA
IL(off3)
Off state output current
VIN = VOUT = 0V; VCC = 13V;
Tj = 125°C
5µA
IL(off4)
Off state output current
VIN = VOUT = 0V; VCC = 13V;
Tj =25°C
3µA
1.
Per device.
Table 6.
Protections
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TTSD
Shutdown temperature
150
170
200
°C
TR
Reset temperature
135
°C
Thyst
Thermal hysteresis
7
15
25
°C
Ilim
DC short circuit current
9V < VCC < 36V
6V < VCC < 36V
610
18
18
A
A
Vdemag
Turn-off output clamp
voltage
IOUT = 2A;
VIN = 0V;
L = 6mH
VCC -
41
VCC -
48
VCC -
55
V
VSTAT
Status low output voltage
ISTAT=1.6mA
0.5
V
ILSTAT
Status leakage current
Normal operation;
VSTAT=5V
10
µA
CSTAT
Status pin input capacitance
Normal operation;
VSTAT=5V
25
pF
VSCL
Status clamp voltage
ISTAT=1mA
ISTAT=-1mA
66.8
- 0.7
8V
V
Table 5.
Power (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
Table 7.
VCC - output diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on voltage
- IOUT = 1.6A; Tj = 150°C
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com