Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ660SPTR-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ660SPTR-E
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SPTR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ660SPTR-E Datasheet HTML 9Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 10Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 11Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 12Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 13Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 14Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 15Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 16Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
VNQ660SP
Electrical specifications
13/26
2.4
Electrical characteristics curves
Figure 7.
Off state output current
Figure 8.
High level input current
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC )
0
1
2
3
4
5
6
7
8
9
10
IL(off1) (µA)
Off state
Vcc=24V
Vout=0V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC )
0
1
2
3
4
5
6
7
Iih (µA)
Vin=3.25V
Figure 9.
Input clamp voltage
Figure 10.
Turn-on voltage slope
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC )
6
6.25
6.5
6.75
7
7.25
7.5
7.75
8
Vicl (V)
Iin=1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
50
100
150
200
250
300
350
400
450
500
dVout/dt(on) (V/ms)
Vcc=13V
Rl=13Ohm
Figure 11.
Overvoltage shutdown
Figure 12.
Turn-off voltage slope
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC )
34
36
38
40
42
44
46
48
50
52
54
Vov (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
100
200
300
400
500
600
700
dVout/dt(off) (V/ms)
Vcc=13V
Rl=13Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com