Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ660SPTR-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # VNQ660SPTR-E
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SPTR-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VNQ660SPTR-E Datasheet HTML 12Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 13Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 14Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 15Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 16Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 17Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 18Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 19Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Application information
VNQ660SP
16/26
3
Application information
Figure 23.
Application schematic
Note:
Channels 3 & 4 have the same internal circuit as channel 1 & 2.
3.1
GND protection network against reverse battery
This section provides two solutions for implementing a ground protection network against
reverse battery.
3.1.1
Solution 1: a resistor in the ground line (RGND only)
This can be used with any type of load.
The following show how to dimension the RGND resistor:
1.
RGND ≤600mV / 2 (IS(on)max)
2.
RGND ≥ ( - VCC) / ( - IGND)
where - IGND is the DC reverse ground pin current and can be found in the absolute
maximum rating section of the device datasheet.
Power dissipation in RGND (when VCC < 0 during reverse battery situations) is:
PD = ( - VCC)
2/ R
GND
VCC
Dld
+5V
Rprot
STATUS
INPUT1
+5V
OUTPUT3
OUTPUT1
OUTPUT2
OUTPUT4
INPUT3
INPUT4
Rprot
Rprot
Rprot
Rprot
INPUT2
µC
GND
DGND
RGND
VGND
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com