Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ660SPTR-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNQ660SPTR-E
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SPTR-E Datasheet(HTML) 5 Page - STMicroelectronics

  VNQ660SPTR-E Datasheet HTML 1Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 2Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 3Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 4Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 5Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 6Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 7Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 8Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
VNQ660SP
Block diagram and pin description
5/26
1
Block diagram and pin description
Figure 1.
Block diagram
Figure 2.
Configuration diagram (top view)
Table 2.
Suggested connections for unused and not connected pins
Connection / pin
Status
N.C.
Output
Input
Floating
X
X
X
X
To ground
X
Through 10K
Ω
resistor
UNDERVOLTAGE
OVERVOLTAGE
OVERTEMP. 1
OVERTEMP. 2
ILIM2
DEMAG 2
ILIM1
DEMAG 1
INPUT 1
INPUT 2
GND
VCC
OUTPUT 1
OUTPUT 2
DRIVER 2
DRIVER 1
LOGIC
OVERTEMP. 3
OVERTEMP. 4
ILIM4
DEMAG 4
ILIM3
DEMAG 3
INPUT 3
INPUT 4
OUTPUT 3
OUTPUT 4
DRIVER 4
DRIVER 3
STATUS
STATUS
OPEN LOAD
OFF-STATE
1
2
3
4
5
6
7
8
9
10
11
GND
OUTPUT 4
OUTPUT 3
OUTPUT 2
OUTPUT 1
STATUS
INPUT 4
INPUT 3
INPUT 2
INPUT 1
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com