Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ660SPTR-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # VNQ660SPTR-E
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SPTR-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VNQ660SPTR-E Datasheet HTML 11Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 12Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 13Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 14Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 15Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 16Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 17Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 18Page - STMicroelectronics VNQ660SPTR-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
VNQ660SP
Electrical specifications
15/26
Figure 19.
Status leakage current
Figure 20.
Status low output voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
Ilstat (µA)
Vstat=5V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.075
0.15
0.225
0.3
0.375
0.45
0.525
0.6
Vstat (V)
Istat=1.6mA
Figure 21.
Status clamp voltage
Figure 22.
Openload Off state detection
threshold
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
6.6
6.7
6.8
6.9
7
7.1
7.2
7.3
7.4
Vscl (V)
Istat=1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vol (V)
Vin=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com