Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS436CKILF Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS9LPRS436CKILF
Description  Low Power Clock for Intel Atom짰-Based Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS436CKILF Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS9LPRS436CKILF Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561A — 06/01/10
ICS9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
16
SMBus Table: CPU/SRC/PCI PLL Frequency Control Register
Byte 11
Name
Control Function
Type
0
1
PWD
Bit 7
N Div2
N Divider Prog bit 2
RW
X
Bit 6
N Div1
N Divider Prog bit 1
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
SMBus Table: CPU/SRC/PCI PLL Frequency Control Register
Byte 12
Name
Control Function
Type
0
1
PWD
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBus Table: CPU/SRC/PCI PLL Frequency Control Register
Byte 13
Name
Control Function
Type
0
1
PWD
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
SMBus Table: CPU/SRC/PCI PLL Frequency Control Register
Byte 14
Name
Control Function
Type
0
1
PWD
Bit 7
SSP15
RW
0
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
Bytes [15:22] Are reserved
Spread Spectrum Programming
bit(15:8)
Spread Spectrum Programming
bit(7:0)
N Divider Programming Byte12
bit(7:0) and Byte11 bit(7:6)
M Divider Programming
bit (5:0)
These Spread Spectrum bits in Byte 13
and 14 will program the spread percentage
of CPU PLL
These Spread Spectrum bits in Byte 13
and 14 will program the spread percentage
of CPU PLL
The decimal representation of M and N
Divider in Byte 11 and 12 will configure the
CPU PLL VCO frequency. Default at
power up = latch-in or Byte 0 ROM table.
VCO Frequency = 50 x
Ndiv(10:0)/Mdiv(5:0)
The decimal representation of M and N
Divider in Byte 11 and 12 will configure the
CPU PLL VCO frequency. Default at
power up = latch-in or Byte 0 ROM table.
VCO Frequency = 50 x
Ndiv(10:0)/Mdiv(5:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com