Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS436CKILF Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS9LPRS436CKILF
Description  Low Power Clock for Intel Atom짰-Based Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS436CKILF Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS9LPRS436CKILF Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561A — 06/01/10
ICS9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
14
SMBus Table: Output Control and Readback Register
Byte 4
Name
Control Function
0
1
PWD
Bit 7
0
Bit 6
CPU_1
Free-Running Control
RW
Free-Running
Stoppable
0
Bit 5
SEL_12_48
SEL12_48MHz readback
R
48MHz
12MHz
latch
Bit 4
CPUCLK_2/ITP
Free-Running Control
RW
Free-Running
Stoppable
0
Bit 3
ITP_EN
ITP_EN readback
R
PCIEX6
CPU_ITP
latch
Bit 2
0
Bit 1
CPUCLK_0
Free-Running Control
RW
Free-Running
Stoppable
0
Bit 0
0
SMBus Table: Output Control Register
Byte 5
Name
Control Function
0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
SATA/PCIe3
Free- Running Control
RW
Free-Running
Stoppable
1
Bit 3
PCIe2
Free- Running Control
RW
Free-Running
Stoppable
0
Bit 2
PCIe1
Free- Running Control
RW
Free-Running
Stoppable
0
Bit 1
PCIe0
Free- Running Control
RW
Free-Running
Stoppable
0
Bit 0
Load Control
IIC Load control
RW
Load
Do not Load
0
SMBus Table: Amplitude Control Register
Byte 6
Name
Control Function
Type
0
1
PWD
Bit 7
Diff AMP
RW
00 = 700mV
10 = 900mV
0
Bit 6
Diff AMP
RW
01 = 800mV
11 = 1000mV
1
Bit 5
Diff AMP
RW
00 = 700mV
10 = 900mV
0
Bit 4
Diff AMP
RW
01 = 800mV
11 = 1000mV
1
Bit 3
Diff AMP
RW
00 = 700mV
10 = 900mV
0
Bit 2
Diff AMP
RW
01 = 800mV
11 = 1000mV
1
Bit 1
Diff AMP
RW
00 = 700mV
10 = 900mV
0
Bit 0
Diff AMP
RW
01 = 800mV
11 = 1000mV
1
SMBus Table: Revision and Vendor ID Register
Byte 7
Name
Control Function
Type
0
1
PWD
Bit 7
RID3
R
x
Bit 6
RID2
R
x
Bit 5
RID1
R
x
Bit 4
RID0
R
x
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
0010 = C Rev
VENDOR ID
SATA/PCIe3 Differential output
Amplitude Control
DOT96 Differential output
Amplitude Control
Reserved
Reserved
Reserved
Revision ID
0001 = ICS
CPU Differential output
Amplitude Control
Reserved
Reserved
Reserved
PCIe(2:0) Differential output
Amplitude Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com