Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS436CKILF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9LPRS436CKILF
Description  Low Power Clock for Intel Atom짰-Based Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS436CKILF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS9LPRS436CKILF Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561A — 06/01/10
ICS9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
6
Table 1: CPU/SRC/PCI PLL Spread Frequency Selection Table for 9LPRS436C
FS4
(B0b4)
FS3
(B0b3)
FSLC
(B0b2)
FSLB
(B0b1)
FSLA
(B0b0)
CPU
MHz
SRC
PCI
SATA
0
0
0
0
0
0
100.00 100.00
33.33
Follows SRC
1
0
0
0
0
1
100.00 100.00
33.33
Follows SRC
2
0
0
0
1
0
83.33
100.00
33.33
Follows SRC
3
0
0
0
1
1
83.33
100.00
33.33
Follows SRC
4
0
0
1
0
0
133.33 100.00
33.33
Follows SRC
5
0
0
1
0
1
133.33 100.00
33.33
Follows SRC
6
0
0
1
1
0
166.67 100.00
33.33
Follows SRC
7
00
1
1
1
166.67 100.00
33.33
Follows SRC
8
0
1
0
0
0
100.00 100.00
33.33 100MHz Non-Spread
9
0
1
0
0
1
100.00 100.00
33.33 100MHz Non-Spread
10
0
1
0
1
0
83.33
100.00
33.33 100MHz Non-Spread
11
0
1
0
1
1
83.33
100.00
33.33 100MHz Non-Spread
12
0
1
1
0
0
133.33 100.00
33.33 100MHz Non-Spread
13
0
1
1
0
1
133.33 100.00
33.33 100MHz Non-Spread
14
0
1
1
1
0
166.67 100.00
33.33 100MHz Non-Spread
15
01
1
1
1
166.67 100.00
33.33 100MHz Non-Spread
16
1
0
0
0
0
100.00 100.00
33.33
75MHz Non-Spread
17
1
0
0
0
1
100.00 100.00
33.33
75MHz Non-Spread
18
1
0
0
1
0
83.33
100.00
33.33
75MHz Non-Spread
19
1
0
0
1
1
83.33
100.00
33.33
75MHz Non-Spread
20
1
0
1
0
0
133.33 100.00
33.33
75MHz Non-Spread
21
1
0
1
0
1
133.33 100.00
33.33
75MHz Non-Spread
22
1
0
1
1
0
166.67 100.00
33.33
75MHz Non-Spread
23
10
1
1
1
166.67 100.00
33.33
75MHz Non-Spread
24
1
1
0
0
0
100.00 100.00
33.33
75MHz Non-Spread
25
1
1
0
0
1
100.00 100.00
33.33
75MHz Non-Spread
26
1
1
0
1
0
83.33
100.00
33.33
75MHz Non-Spread
27
1
1
0
1
1
83.33
100.00
33.33
75MHz Non-Spread
28
1
1
1
0
0
133.33 100.00
33.33
75MHz Non-Spread
29
1
1
1
0
1
133.33 100.00
33.33
75MHz Non-Spread
30
1
1
1
1
0
166.67 100.00
33.33
75MHz Non-Spread
31
11
1
1
1
166.67 100.00
33.33
75MHz Non-Spread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com