Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS436CKILF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9LPRS436CKILF
Description  Low Power Clock for Intel Atom짰-Based Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS436CKILF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9LPRS436CKILF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561A — 06/01/10
ICS9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
11
LVDS CLK
Input
L4
L4’
R8b
R7b
R8a
R7a
3.3 Volts
9LPRS436
Cc
Cc
Driving LVDS inputs with the 9LPRS436
Receiver has
termination
Receiver does not
have termination
R7a, R7b
10K ohm
140 ohm
R8a, R8b
5.6K ohm
75 ohm
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Component
Note
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com