Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS436CKILF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9LPRS436CKILF
Description  Low Power Clock for Intel Atom짰-Based Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS436CKILF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9LPRS436CKILF Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561A — 06/01/10
ICS9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
5
Block Diagram
General Description
The ICS9LPRS436C is a low power CK505-compatible clock targeted at Intel-based Netbooks and Nettops. This clock synthesizer
provides a single chip solution for systems using the Intel NM10 chipset paired with the Intel N450/D410/D510 Atom
® CPUs. The
ICS9LPRS436C is driven with a 25MHz crystal.
Series Resistors for Single Ended Outputs
1 Load
Rs=
2 Loads
Rs=
3 Loads
Rs=
1
0.56 / 33 (17Ω)33Ω [39Ω]
-
-
2
0.92 / 66 (14Ω)39Ω [43Ω]22Ω [27Ω]-
Notes:
2. Desktop/Mobile Platforms with Zo = 50/55 ohms use the first resistor value.
3. Systems with Zo = 60 ohms use the resistor values in brackets [ ].
Match Point for N & P
Voltage / Current (mA)
1. Preferred drive strengths using CK505 clock sources. Transmission lines to load do not share
series resistors.
Number of
Loads
to Drive
Number of Loads Actually Driven.
D.C.Drive Strength
NonSS
PLL
25M
XTAL
SS PLL
NonSS
PLL
48MHz
DOT96
12_48MHz
PCI
CPU
PCIe/
SATA
12.288M
14.318M
NonSS
PLL
75M/
100M
25M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com