Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25101AM/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101AM/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101AM/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM25101AM/NOPB Datasheet HTML 2Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 3Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 4Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 5Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 6Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 7Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 8Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 9Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM25101A, LM25101B, LM25101C
SNVS859B – JULY 2012 – REVISED APRIL 2013
www.ti.com
Switching Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, VDD =
VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tLPHL
LO Turn-Off Propagation Delay
LI Falling to LO Falling
22
56
ns
tLPLH
LO Turn-On Propagation Delay
LI Rising to LO Rising
26
56
ns
tHPHL
HO Turn-Off Propagation Delay
HI Falling to HO Falling
22
56
ns
tHPLH
LO Turn-On Propagation Delay
HI Rising to HO Rising
26
56
ns
tMON
Delay Matching: LO on & HO Off
4
10
ns
tMOFF
Delay Matching: LO on & HO Off
4
10
ns
tRC, tFC
Either Output Rise/Fall Time
CL = 1000 pF
8
ns
tR
Output Rise Time (3V to 9V) LM25101A
CL = 0.1 µF
430
Output Rise Time (3V to 9V) LM25101B
570
ns
Output Rise Time (3V to 9V) LM25101C
990
tF
Output Fall Time (3V to 9V) LM25101A
CL = 0.1 µF
260
Output Fall Time (3V to 9V) LM25101B
430
ns
Output Fall Time (3V to 9V) LM25101C
715
tPW
Minimum input pulse duration that changes
50
ns
the output
tBS
Bootstrap diode reverse recovery time
IF = 100 mA,
37
ns
IR = 100 mA
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com