Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25101AM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101AM/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101AM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM25101AM/NOPB Datasheet HTML 4Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 5Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 6Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 7Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 8Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 9Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 10Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 11Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VD (V)
T = 25°C
T = -40°C
T = 150°C
-25 0
_
25 50
_ 75_100_125_150_
TEMPERATURE (
oC)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-50
VHBH
VDDH
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
IDD
IHB
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
6.30
6.40
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
7.30
VHBR
VDDR
8
9
10
11
12
13
14
15
16
VDD, VHB (V)
0
50
100
150
200
250
300
350
400
IDD
IHB
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
HB = 12V,
HS = 0V
CL = 0 pF
CL = 4400 pF
CL = 1000 pF
LM25101A, LM25101B, LM25101C
SNVS859B – JULY 2012 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
IHB
Quiescent Current
vs
vs
Frequency
Supply Voltage
Figure 7.
Figure 8.
Quiescent Current
Undervoltage Rising Thresholds
vs
vs
Temperature
Temperature
Figure 9.
Figure 10.
Undervoltage Threshold Hysteresis
vs
Temperature
Bootstrap Diode Forward Voltage
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com