Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25101AM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101AM/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101AM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM25101AM/NOPB Datasheet HTML 1Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 2Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 3Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 4Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 5Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 6Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 7Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 8Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
VDD
HB
HO
HS
LO
VSS
LI
HI
MSOP-
PowerPad-8
WSON-8
1
2
3
4
5
6
7
8
VDD
HB
HO
HS
HI
LI
VSS
LO
WSON-10
1
2
3
4
9
6
7
8
VDD
HB
HO
HS
HI
LI
VSS
LO
NC
5
10
NC
Exposed Pad
Connect to VSS
HO
3
HS
4
VDD
1
HB
2
8
LO
7
VSS
6
LI
5
HI
SO
Power
Pad-8
VDD
HB
HO
HS
LO
VSS
LI
HI
1
8
2
7
3
6
4
5
SOIC-8
LM25101A, LM25101B, LM25101C
SNVS859B – JULY 2012 – REVISED APRIL 2013
www.ti.com
Table 1. Input/Output Options
Part Number
Input Thresholds
Peak Output Current
LM25101A
TTL
3A
LM25101B
TTL
2A
LM25101C
TTL
1A
Connection Diagrams
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com