Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25101AM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101AM/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101AM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM25101AM/NOPB Datasheet HTML 8Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 9Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 10Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 11Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 12Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 13Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 14Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 15Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
0.1
1.0
10.0
100.0
1000.0
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
CL = 4400 pF
CL = 0 pF
CL = 1000 pF
To Hi-Side FET
To Low-Side FET
Single Layer
Option
Multi Layer
Option
Recommended Layout for Driver IC and
Passives
VSS
LO
LI
SO
Power
Pad-8
HI
VDD
HB
HO
HS
LM25101A, LM25101B, LM25101C
SNVS859B – JULY 2012 – REVISED APRIL 2013
www.ti.com
Figure 21. Recommended Layout Pattern
Power Dissipation Considerations
The total IC power dissipation is the sum of the gate driver losses and the bootstrap diode losses. The gate
driver losses are related to the switching frequency (f), output load capacitance on LO and HO (CL), and supply
voltage (VDD) and can be roughly calculated as:
PDGATES = 2 • f • CL • VDD
2
(1)
There are some additional losses in the gate drivers due to the internal CMOS stages used to buffer the LO and
HO outputs. Figure 22 shows the measured gate driver power dissipation versus frequency and load
capacitance. At higher frequencies and load capacitance values, the power dissipation is dominated by the
power losses driving the output loads and agrees well with Equation 1. This plot can be used to approximate the
power losses due to the gate drivers.
Figure 22. Gate Driver Power Dissipation (LO + HO)
VDD = 12V, Neglecting Diode Losses
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com