Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25101AM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101AM/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101AM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25101AM/NOPB Datasheet HTML 3Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 4Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 5Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 6Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 7Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 8Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 9Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 10Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
IDDO
IHBO
0.1
1
10
100
1000
FREQUENCY (kHz)
100
1000
10000
100000
VDD = 12V
CL = 4400 pF
CL = 1000 pF
CL = 0 pF
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM25101B
LM25101C
LM25101A
VDD = 12V
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM25101B
LM25101C
LM25101A
VDD = 12V
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM25101B
LM25101C
LM25101A
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM25101B
LM25101C
LM25101A
LM25101A, LM25101B, LM25101C
www.ti.com
SNVS859B – JULY 2012 – REVISED APRIL 2013
Typical Performance Characteristics
Peak Sourcing Current
Peak Sinking Current
vs
vs
VDD
VDD
Figure 1.
Figure 2.
Sink Current
Source Current
vs
vs
Output Voltage
Output Voltage
Figure 3.
Figure 4.
LM25101A/B/C IDD
Operating Current
vs
vs
Frequency
Temperature
Figure 5.
Figure 6.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com