Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 35Page - Renesas Technology Corp M51995AFP Datasheet HTML 36Page - Renesas Technology Corp M51995AFP Datasheet HTML 37Page - Renesas Technology Corp M51995AFP Datasheet HTML 38Page - Renesas Technology Corp M51995AFP Datasheet HTML 39Page - Renesas Technology Corp M51995AFP Datasheet HTML 40Page - Renesas Technology Corp M51995AFP Datasheet HTML 41Page - Renesas Technology Corp M51995AFP Datasheet HTML 42Page - Renesas Technology Corp M51995AFP Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
M51995AP/AFP
REJ03D0835-0300 Rev.3.00 Jun 06, 2008
Page 38 of 40
How to Get the Narrow Pulse Width During the Start of Operation
Figure 43 shows how to get the narrow pulse width during the start of the operation. If the pulse train of forcedly
narrowed pulse-width continues too long, the misstart of operation may happen, so it is recommended to make the
output pulse width narrow only for a few pulse at the start of operation. 0.1
µF is recommended for the C.
M51995A
F/B
To photo
coupler
100
Ω
C
Figure 43 How to Get the Narrow Pulse Width During the Start of Operation
How to Synchronize with External Circuit
Type M51995A has no function to synchronize with external circuit, however, there is some application circuit for
synchronization as shown in figure 44. If this circuit is used, the synchronization may be out of order at the overload
condition when the current limiting function starts to operate and VF terminal voltage becomes lower than 3 V.
M51995A
T-ON
CF
T-OFF
CT
CT
ROFF
CF
RON
Q1
Q2
+
120
µA
Synchronous
pulse
0 V
0 V
Maximum pulse width of
synchronous pulse
Minimum pulse width of
synchronous pulse
Synchronize
waveform
Oscillating
waveform
Figure 44 How to Synchronize with External Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com