Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 35Page - Renesas Technology Corp M51995AFP Datasheet HTML 36Page - Renesas Technology Corp M51995AFP Datasheet HTML 37Page - Renesas Technology Corp M51995AFP Datasheet HTML 38Page - Renesas Technology Corp M51995AFP Datasheet HTML 39Page - Renesas Technology Corp M51995AFP Datasheet HTML 40Page - Renesas Technology Corp M51995AFP Datasheet HTML 41Page - Renesas Technology Corp M51995AFP Datasheet HTML 42Page - Renesas Technology Corp M51995AFP Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
M51995AP/AFP
REJ03D0835-0300 Rev.3.00 Jun 06, 2008
Page 39 of 40
Driver Circuit for Bipolar Transistor
When the bipolar transistor is used instead of MOS FET, the base current of bipolar transistor must be sinked by the
negative base voltage source for the switching-off duration, in order to make the switching speed of bipolar transistor
fast one.
In this case, over current can not be detected by detecting resistor in series to bipolar transistor, so it is recommended to
use the CT (current transformer).
VCC
−V
SS
(
−2 V to −5 V)
VOUT
M51995A
Emitter
GND
VCC
Collector
Figure 45 Driver Circuit Diagram (1) for Bipolar Transistor
For the low current rating transistor, type M51995A can drive it directly as shown in figure 46.
VOUT
GND
VCC
M51995A
Emitter
Collector
Bipolar
transistor
Figure 46 Driver Circuit Diagram (2) for Bipolar Transistor
Attention for Heat Generation
The maximum ambient temperature of type M51995A is
+85°C, however, the ambient temperature in vicinity of the IC
is not uniform and varies place by place, as the amount of power dissipation is fearfully large and the power dissipation
is generated locally in the switching regulator.
So it is one of the good idea to check the IC package temperature.
The temperature difference between IC junction and the surface of IC package is 15
°C or less, when the IC junction
temperature is measured by temperature dependency of forward voltage of pin junction, and IC package temperature is
measured by “thermo-viewer”, and also the IC is mounted on the “phenol-base” PC board in normal atmosphere.
So it is concluded that the maximum case temperature (surface temperature of IC) rating is 120
°C with adequate margin.
As type M51995 has the modified totempole driver circuit, the transient through current is very small and the total
power dissipation is decreased to the reasonable power level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com