Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 19Page - Renesas Technology Corp M51995AFP Datasheet HTML 20Page - Renesas Technology Corp M51995AFP Datasheet HTML 21Page - Renesas Technology Corp M51995AFP Datasheet HTML 22Page - Renesas Technology Corp M51995AFP Datasheet HTML 23Page - Renesas Technology Corp M51995AFP Datasheet HTML 24Page - Renesas Technology Corp M51995AFP Datasheet HTML 25Page - Renesas Technology Corp M51995AFP Datasheet HTML 26Page - Renesas Technology Corp M51995AFP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
M51995AP/AFP
REJ03D0835-0300 Rev.3.00 Jun 06, 2008
Page 21 of 40
Current Limiting Section
When the current-limit signal is applied before the crossing instant of “A” pint potential and CF terminal voltage shown
in figure 7, this signal makes the output “off” and the off state will continue until next cycle. Figure 9 shows the timing
relation among them.
The current limiting circuit has two input terminals, one has the detector-sensitivity of
+200 mV to the GND terminal
and the other has
−200 mV. The circuit will be latched if the input signal is over the limit of either terminal.
If the current limiting circuit is set, no waveform is generated at output terminal however this state is reset during the
succeeding dead-time.
So this current limiting circuit is able to have the function in every cycle, and is named “pulse-by-pulse current limit”.
It is rather recommended to use not "CLM
+" but "CLM−" terminal, as the influence from the gate drive current of MOS
FET can be eliminated and wide voltage rating of
+4 V to −4 V is guaranteed for absolute maximum rating.
There happen some noise voltage on RCLM during the switching of power transistor due to the snubber circuit and stray
capacitor of the transformer windings.
To eliminate the abnormal operation by the noise voltage, the low pass filter, which consists of RNF and CNF is used as
shown in figure 10.
It is recommended to use 10 to 100
Ω for R
NF because such range of RNF is not influenced by the flow-out current of
some 200
µA from C
LM terminal and CNF is designed to have the enough value to absorb the noise voltage.
VTHCLM ≈ 200 mV
VTHCLM ≈ −200 mV
(a) +current limit
(b)
−current limit
OSC waveform of
CF terminal
Waveform of
CLM+ terminal
Current limit signal
to set latch
Waveform of
VOUT terminal
OSC waveform of
CF terminal
Waveform of
CLM
− terminal
Current limit signal
to set latch
Waveform of
VOUT terminal
Figure 9 Operating Waveforms of Current Limiting Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com