Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 14Page - Renesas Technology Corp M51995AFP Datasheet HTML 15Page - Renesas Technology Corp M51995AFP Datasheet HTML 16Page - Renesas Technology Corp M51995AFP Datasheet HTML 17Page - Renesas Technology Corp M51995AFP Datasheet HTML 18Page - Renesas Technology Corp M51995AFP Datasheet HTML 19Page - Renesas Technology Corp M51995AFP Datasheet HTML 20Page - Renesas Technology Corp M51995AFP Datasheet HTML 21Page - Renesas Technology Corp M51995AFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
M51995AP/AFP
REJ03D0835-0300 Rev.3.00 Jun 06, 2008
Page 16 of 40
Function Description
Type M51995AP and M51995AFP are especially designed for off-line primary PWM control IC of switching mode
power supply (SMPS) to get DC voltage from AC power supply.
Using this IC, smart SMPS can be realized with reasonable cost and compact size as the number of external electric
parts can be reduced and also parts can be replaced by reasonable one.
In the following circuit diagram, MOS FET is used for output transistor, however bipolar transistor can be used with no
problem.
Start-up Circuit Section
The start-up current is such low current level as typical 90
µA, as shown in figure 1, when the V
CC voltage is increased
from low level to start-up voltage VCC(START).
In this voltage range, only a few parts in this IC, which has the function to make the output voltage low level, is alive
and ICC current is used to keep output low level. The large voltage difference between VCC(START) and VCC(STOP) makes
start-up easy, because it takes rather long duration from VCC(START) to VCC(STOP).
Supply Voltage VCC (V)
ICCO
≈ 14 mA
ICCL
≈ 90 µA
VCC
(STOP)
≈ 9.9 V
VCC
(START)
≈ 16.2 V
Figure 1 Circuit Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com