Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 18Page - Renesas Technology Corp M51995AFP Datasheet HTML 19Page - Renesas Technology Corp M51995AFP Datasheet HTML 20Page - Renesas Technology Corp M51995AFP Datasheet HTML 21Page - Renesas Technology Corp M51995AFP Datasheet HTML 22Page - Renesas Technology Corp M51995AFP Datasheet HTML 23Page - Renesas Technology Corp M51995AFP Datasheet HTML 24Page - Renesas Technology Corp M51995AFP Datasheet HTML 25Page - Renesas Technology Corp M51995AFP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
M51995AP/AFP
REJ03D0835-0300 Rev.3.00 Jun 06, 2008
Page 20 of 40
PWM Comparator and PWM Latch Section
Figure 7 shows the PWM comparator and latch section. The on-duration of output waveform coincides with the rising
duration of CF terminal waveform, when the infinitive resistor is connected between F/B terminal and GND.
When the F/B terminal has finite impedance and current flows out from F/B terminal, “A” point potential shown in
figure 7 depends on this current. So the “A” point potential is close to GND level when the flow-out current becomes
large.
“A” point potential is compared with the CF terminal oscillator waveform and PWM comparator, and the latch circuit is
set when the potential of oscillator waveform is higher than “A” point potential.
On the other hand, this latch circuit is reset by high level signal during the dead-time of oscillation (falling duration of
oscillation waveform). So the “B” point potential or output waveform of latch circuit is the one shown in figure 8.
The final output waveform or “C” point potential is got by combining the “B” point signal and dead-time signal
logically. (please refer to figure 8)
+
−
≈ 7.1 V
5.8 V
Point A
PWM
COMP.
CF
M51995A
F/B
6 S
1 S
Latch
Point B
To
output
Point C
From
OSC
200
µA
Figure 7 PWM Comparator and Latch Circuit
Waveform of
OSC & point A
Point B
Point C
OSC waveform
Point A
Figure 8 Waveforms of PWM Comparator Input point A, Latch Circuit Points B and C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com