Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV500-SLK21 Datasheet(PDF) 76 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 76 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 72Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 73Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 74Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 75Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 76Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 77Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 78Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 79Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 80Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 182 page
background image
63
When an inductive load is connected to an I/O Unit, connect a surge suppressor
or diode in parallel with the load, as shown in the following diagram. The diode
will adsorb the back electromagnetic field generated by the load.
L
IN
COM
Diode
DC input
OUT
COM
Relay Output Unit
Triac Output Unit
OUT
COM
Relay Output Unit
Transistor Output Unit
Diode
L
L
+
Surge suppressor
where for the surge suppressor,
Resistor: 50
W
Capacitor: 0.47 F
Voltage:
200 V
and the diode,
Breakdown voltage: at least 3 times load voltage
Mean rectification current: 1 A
Input Units
Voltage Inputs
Do not wire voltage inputs as shown on the left below.
+
0 V
Sensor
power
supply
Voltage output
Output
COM (–)
IN DC input
Incorrect
+
0 V
Sensor
power
supply
Voltage output
Output
COM (+)
IN DC input
Correct
Input Leakage Current
When two-wire sensors, such as photoelectric sensors, proximity sensors or
limit switches with indicators are connected to the PC as input devices, the input
bit may be turned ON erroneously by leakage current. In order to prevent this,
connect a bleeder resistor across the input to reduce the input impedance.
Sensor
Input
power
supply
Bleeder
resistor
R
PC
Inductive Load Surge
Suppressor
Wiring I/O Units
Section 3-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com