Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV500-SLK21 Datasheet(PDF) 57 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 57 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 53Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 54Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 55Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 56Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 57Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 58Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 59Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 60Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 61Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 182 page
background image
!
44
Expansion Data Memory Unit
Mount the Expansion Data Memory Unit to the CV1000 CPU using the following
procedure.
1, 2, 3...
1. Turn OFF the power to the PC.
Caution
Do not attempt to mount or remove the Memory Unit while the power to the PC is
ON. During mounting or removal, exercise care that you do not directly touch the
memory elements or connector pins of the Unit. Hold the Unit by the lever.
2. Remove the Expansion Data Memory Unit cover on the front panel of the
CPU by pushing the lever on the cover upwards, as indicated by the arrow
on the cover.
Bracket screw
Bracket
3. Loosen the bracket screw and remove the bracket.
Expansion Data Memory Unit
PCB guides
Pullout lever
4. Hold the Expansion Data Memory Unit with the component side to the right,
and insert the Unit into the PCB guides. In doing so, a slight resistance will
be felt as the connector on the Memory Unit mates with the connector on the
CPU. Continue pushing until the Memory Unit is inserted completely into the
CPU.
Mounting the Expansion
Data Memory Unit
Assembly
Section 3-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com