Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV500-SLK21 Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 39Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 40Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 41Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 42Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 43Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 44Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 45Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 46Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 182 page
background image
30
Expansion Data Memory
An Expansion Data Memory Unit may be used only in a CV1000-CPU01-EV1,
CV2000-CPU01-EV1, or CVM1-CPU21-EV2 CPU. The Expansion Data
Memory Unit fits into the slot located on the upper left side of the CPU. The Ex-
pansion Data Memory Unit is optional. There are three models of Memory Units
available with different memory capacities. The addition of an Expansion Data
Memory Unit increases the data memory capacity of the CV1000, CV2000, or
CVM1-CPU21 from 24K words (D00000 to D24575) to up to 256K words. Refer
to the
CV-series PC Operation Manual: Ladder Diagrams for details on PC
memory and addressing conventions.
Model
Memory capacity
Word assignment
CV1000-DM641
64K words
E00000 to E32765 x 2 banks
CV1000-DM151
128K words
E00000 to E32765 x 4 banks
CV1000-DM251
256K words
E00000 to E32765 x 8 banks
When mounted to the CPU, the Expansion Data Memory Unit is backed up by
the battery mounted in the CPU. Provided the Unit has been mounted to the
CPU for a duration of at least 1 minute, a charged capacitor built-in to the
Memory Unit allows the Unit to be removed from the CPU for up to 10 minutes
without memory loss.
Memory element
Pullout
lever
Backup
capacitor
Expansion Data Memory Unit
CPU
connector
Rack Components
Section 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com