Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV500-SLK21 Datasheet(PDF) 91 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 91 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 87Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 88Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 89Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 90Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 91Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 92Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 93Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 94Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 95Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 182 page
background image
78
Fatal Errors (cont’d)
Item
RUN
Auxiliary Area data
Corrective action
output
Error flags
Error data
Error
code
Power interruption
OFF
None
A012 to A013 (Power In-
terruption Time)
A014 (Number of Power
Interruptions)
None
Check the supply voltage, the
Power Supply Unit wiring, and the
defined power interruption time.
Expansion CPU
Rack power OFF
OFF
None
None
None
Turn on the power to the Expan-
sion CPU Rack.
CPU error
OFF
None
None
80FF
Turn the power OFF and ON
again.
Memory error
OFF
A40115 ON
A403 (Memory Area Er-
ror Location)
80F1
Check/correct the program. Cor-
rectly mount the Memory Card
and Expansion DM Unit. Check
the battery connection. Perform
the error clear operation after cor-
rective actions have been taken.
I/O bus error
OFF
A40114 ON
AR404 (I/O Bus Error
Rack and Slot Numbers)
80C0-
80C7
(*)
80CE,
80CF
Check the cables between the
Racks. Perform the error clear op-
eration after corrective action has
been taken.
Duplicated
number
OFF
A40113 ON
A409 (Duplicate Rack
Number)
A410 (CPU Bus Unit Du-
plicate Number)
80E9
Set the Rack No. and Unit No.
again. Then turn the power OFF
and ON again. Perform the error
clear operation after corrective
action has been taken.
CPU bus error
OFF
A40112 ON
A405 (CPU Bus Unit Er-
ror Unit Number)
8100-
8115
(**)
Check the cables between the
CPU Rack and Expansion CPU
Rack. Perform the error clear op-
eration after corrective actions
have been taken.
I/O points over
OFF
A40411 ON
A407 (Total I/O Words
on CPU and Expansion
Racks)
A408 (Total SYSMAC
BUS/2 I/O Words)
A478 (Total SYSMAC
BUS I/O Words)
80E1
Read the I/O table to check the
number of words allocated. Cor-
rect the table if necessary by
creating a new one.
I/O setting error
OFF
A40110 ON
None
80E0
Verify the I/O table. Correct the
table if necessary.
Program error
OFF
A40109 ON
None
80F0
Correct the program. Perform the
error clear operation after correc-
tive actions have been taken.
Cycle time over
OFF
A40108 ON
A462/463 (Maximum
Cycle Time)
A464/465 (Present
Cycle Time)
809F
Check the program or set time for
monitoring the cycle.
Fatal SFC error
OFF
A40107 ON
A414 (SFC Fatal Error
Code)
80F3
Correct the program. Perform the
error clear operation after correc-
tive actions have been taken.
System failure
(FALS)
OFF
A40106 ON
None
C101 to
C2FF
(***)
Check/correct the program.
Note *0 through 7 indicate rack numbers; E indicates series 0; F indicates series 1.
**00 through 15 indicate unit numbers.
***101 through 2FF indicate FALS numbers.
Error Messages and Alarm Outputs
Section 5-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com