Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV500-SLK21 Datasheet(PDF) 83 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 83 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 79Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 80Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 81Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 82Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 83Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 84Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 85Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 86Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 87Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 182 page
background image
!
70
4-1
CPU Battery
When the battery is nearly discharged, the ALARM indicator will blink, bit
A42615 will turn ON, and the message “BATT LOW” will appear on the Program-
ming Device. When this occurs, replace the battery within one week to avoid loss
of data. The battery and connector are provided as a set. To replace the Battery
Set, follow the steps below. The entire replacement must be completed within
five minutes to ensure that the data will not be lost.
Caution
Do not short circuit, charge, disassemble, or expose the battery to heat. The bat-
tery fluid is flammable and if mishandled, may cause a fire or explosion. Do not
incinerate the battery after use.
The expected life of the battery is 5 years for any CPU. The memory backup
times are given in the following table.
Model
Backup time without power supplied
Guaranteed value
Effective value
CV500 or CVM1-CPU01-EV2
9,000 hours
(approx. 1 year)
43,000 hours
(approx. 5 years)
CV1000/CV2000/CVM1-CPU21-EV2
without Expansion DM or
CVM1-CPU11-EV2
5,600 hours
(approx. 0.6 year)
CV1000/CV2000/CVM1-CPU21-EV2
with Expansion DM
2,900 hours
(approx. 0.3 year)
Guaranteed value:
Memory backup time without power supplied at 55
°C.
Effective value:
Memory backup time without power supplied at 25
°C.
Battery Replacement
1, 2, 3...
1. Turn on power to the PC for at least one minute.
2. Turn off power to the PC. (Although the battery can be replaced while power
is being applied to the PC, it is not recommended, as short-circuiting is likely
to occur.)
3. Remove the cover from the battery compartment.
4. Remove the old Battery Set.
5. Install the new Battery Set as shown below.
Battery connector
Battery holder
Battery Set C500-BAT08
6. Replace the cover of the battery compartment.
7. When a Programming Console is mounted to the CPU after the battery has
been replaced, “BATT LOW” will be displayed. This message can be
cleared by pressing CLR, FUN, MONTR, or just turning the power to the PC
OFF and ON again.
CPU Battery
Section 4-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com