Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5040 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF5040
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5040 Datasheet(HTML) 4 Page - Texas Instruments

  REF5040 Datasheet HTML 1Page - Texas Instruments REF5040 Datasheet HTML 2Page - Texas Instruments REF5040 Datasheet HTML 3Page - Texas Instruments REF5040 Datasheet HTML 4Page - Texas Instruments REF5040 Datasheet HTML 5Page - Texas Instruments REF5040 Datasheet HTML 6Page - Texas Instruments REF5040 Datasheet HTML 7Page - Texas Instruments REF5040 Datasheet HTML 8Page - Texas Instruments REF5040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410E – JUNE 2007 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: ALL DEVICES
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, ILOAD = 0, CL = 1mF, and VIN = (VOUT + 0.2V) to 18V, unless otherwise noted.
REF50xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE TEMPERATURE DRIFT
Output Voltage Temperature Drift
dVOUT/dT
High-Grade
2.5
3
ppm/°C
Standard-Grade
3
8
ppm/°C
LINE REGULATION
Line Regulation
dVOUT/dVIN
REF5020(1) Only
VIN = 2.7V to 18V
0.1
1
ppm/V
All Other Devices
VIN = VOUT + 0.2V
0.1
1
ppm/V
Over Temperature
0.2
1
ppm/V
LOAD REGULATION
Load Regulation
dVOUT/dILOAD
–10mA < ILOAD < +10mA
REF5020 Only
VIN = 3V
20
30
ppm/mA
All Other Devices
VIN = VOUT + 0.75V
20
30
ppm/mA
Over Temperature
50
ppm/mA
SHORT-CIRCUIT CURRENT
Short-Circuit Current
ISC
VOUT = 0
25
mA
THERMAL HYSTERESIS (2)
High-Grade
MSOP-8
Cycle 1
10
ppm
Standard-Grade
MSOP-8
Cycle 1
30
ppm
High-Grade
SO-8
Cycle 1
5
ppm
Standard-Grade
SO-8
Cycle 1
10
ppm
High-Grade
MSOP-8
Cycle 2
5
ppm
Standard-Grade
MSOP-8
Cycle 2
10
ppm
High-Grade
SO-8
Cycle 2
3
ppm
Standard-Grade
SO-8
Cycle 2
5
ppm
LONG-TERM STABILITY
MSOP-8
0 to 1000 hours
50
ppm/1000 hr
MSOP-8
1000 to 2000 hours
5
ppm/1000 hr
SO-8
0 to 1000 hours
90
ppm/1000 hr
SO-8
1000 to 2000 hours
10
ppm/1000 hr
TEMP PIN
Voltage Output
At TA = +25°C
575
mV
Temperature Sensitivity
2.64
mV/°C
TURN-ON SETTLING TIME
Turn-On Settling Time
To 0.1% with CL = 1mF
200
ms
POWER SUPPLY
Supply Voltage
VS
See Note (1)
VOUT + 0.2
(1)
18
V
Quiescent Current
0.8
1
mA
Over Temperature
1.2
mA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+125
°C
Thermal Resistance
qJA
MSOP-8
150
°C/W
SO-8
150
°C/W
(1)
For VOUT ≤ 2.5V, the minimal supply voltage is 2.7V.
(2)
The thermal hysteresis procedure is explained in more detail in the Application Information section.
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com