Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5040 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF5040
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5040 Datasheet(HTML) 3 Page - Texas Instruments

  REF5040 Datasheet HTML 1Page - Texas Instruments REF5040 Datasheet HTML 2Page - Texas Instruments REF5040 Datasheet HTML 3Page - Texas Instruments REF5040 Datasheet HTML 4Page - Texas Instruments REF5040 Datasheet HTML 5Page - Texas Instruments REF5040 Datasheet HTML 6Page - Texas Instruments REF5040 Datasheet HTML 7Page - Texas Instruments REF5040 Datasheet HTML 8Page - Texas Instruments REF5040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410E – JUNE 2007 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS: PER DEVICE
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, ILOAD = 0, CL = 1mF, and VIN = (VOUT + 0.2V) to 18V, unless otherwise noted.
PER DEVICE
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
REF5020 (VOUT = 2.048V)
(1)
OUTPUT VOLTAGE
Output Voltage
VOUT
2.7V < VIN < 18V
2.048
V
Initial Accuracy:
High-Grade
–0.05
0.05
%
Standard-Grade
–0.1
0.1
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
6
mVPP
REF5025 (VOUT = 2.5V)
OUTPUT VOLTAGE
Output Voltage
VOUT
2.5
V
Initial Accuracy:
High-Grade
–0.05
0.05
%
Standard-Grade
–0.1
0.1
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
7.5
mVPP
REF5030 (VOUT = 3.0V)
OUTPUT VOLTAGE
Output Voltage
VOUT
3.0
V
Initial Accuracy:
High-Grade
–0.05
0.05
%
Standard-Grade
–0.1
0.1
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
9
mVPP
REF5040 (VOUT = 4.096V)
OUTPUT VOLTAGE
Output Voltage
VOUT
4.096
V
Initial Accuracy:
High-Grade
–0.05
0.05
%
Standard-Grade
–0.1
0.1
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
12
mVPP
REF5045 (VOUT = 4.5V)
OUTPUT VOLTAGE
Output Voltage
VOUT
4.5
V
Initial Accuracy:
High-Grade
–0.05
0.05
%
Standard-Grade
–0.1
0.1
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
13.5
mVPP
REF5050 (VOUT = 5.0V)
OUTPUT VOLTAGE
Output Voltage
VOUT
5.0
V
Initial Accuracy:
High-Grade
–0.05
0.05
%
Standard-Grade
–0.1
0.1
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
15
mVPP
REF5010 (VOUT = 10.0V)
OUTPUT VOLTAGE
Output Voltage
VOUT
10.0
V
Initial Accuracy:
High-Grade
–0.05
0.05
%
Standard-Grade
–0.1
0.1
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
30
mVPP
(1)
For VOUT ≤ 2.5V, the minimum supply voltage is 2.7V.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com