Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5040 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF5040
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5040 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF5040 Datasheet HTML 9Page - Texas Instruments REF5040 Datasheet HTML 10Page - Texas Instruments REF5040 Datasheet HTML 11Page - Texas Instruments REF5040 Datasheet HTML 12Page - Texas Instruments REF5040 Datasheet HTML 13Page - Texas Instruments REF5040 Datasheet HTML 14Page - Texas Instruments REF5040 Datasheet HTML 15Page - Texas Instruments REF5040 Datasheet HTML 16Page - Texas Instruments REF5040 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410E – JUNE 2007 – REVISED JUNE 2010
REVISION HISTORY
Changes from Revision D (April, 2009) to Revision E
Page
•
Updated Features list; added Excellent Long-Term Stability bullet ...................................................................................... 1
•
Added Thermal Hysteresis parameters and specifications .................................................................................................. 4
•
Added Long-Term Stability parameters and specifications .................................................................................................. 4
•
Added Figure 22 through Figure 24 ...................................................................................................................................... 8
•
Added Figure 25 through Figure 27 ...................................................................................................................................... 9
•
Added Thermal Hysteresis section ..................................................................................................................................... 11
•
Revised Noise Performance section; added paragraph with links to applications articles ................................................. 11
Changes from Revision C (December, 2008) to Revision D
Page
•
Removed all notes regarding MSOP-8 package status. MSOP-8 package released at time of document revision ............ 1
•
Changed Storage Temperature Range absolute minimum value from –55°C to –65°C ...................................................... 2
•
Added test condition to Line Regulation, All other devices specification .............................................................................. 4
•
Added Load Regulation test condition and Over Temperature specifications ...................................................................... 4
•
Added typical characteristic graph, Quiescent Current vs Input Voltage (Figure 10) ........................................................... 6
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com